Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP5322 Datasheet(PDF) 1 Page - Supertex, Inc

Part # TP5322
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP5322 Datasheet(HTML) 1 Page - Supertex, Inc

  TP5322 Datasheet HTML 1Page - Supertex, Inc TP5322 Datasheet HTML 2Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TP5322
Rev. 3
September 14, 2004
1
Initial Release
P-Channel Enhancement-Mode
Vertical DMOS FET
Features
! Low threshold, -2.4V max.
! High input impedance
! Low input capacitance, 110pFmax.
! Fast switching speeds
! Low on resistance
! Free from secondary breakdown
! Low input and output leakage
! Complementary N- and P-channel devices
Application
! Logic level interfaces-ideal for TTL and CMOS
! Battery operated systems
! Photo voltaic devices
! Analog switches
! General purpose line drivers
! Telecom switches
Absolute Maximum Ratings
Drain-to-Source Voltage
BVDSS
Drain-to-Gate Voltage
BVDGS
Gate-to-Source Voltage
±20V
Operating and Storage Temperature
-55°C to +150°C
Soldering Temperature****
300°C
****Distance of 1.6mm from case for 10 seconds.
General Description
These
low
threshold
enhancement-mode
(normally-off)
transistors utilize an advanced vertical DMOS structure and
Supertex's well-proven silicon-gate manufacturing process. This
combination produces devices with the power handling
capabilities of bipolar transistors and with the high input
impedance and positive temperature coefficient inherent in MOS
devices. Characteristic of all MOS structures, these devices are
free from thermal runaway and thermally-induced secondary
breakdown.
Supertex's vertical DMOS FETs are ideally suited to a wide
range of switching and amplifying applications where very low
threshold
voltage,
high
breakdown
voltage,
high
input
impedance, low input capacitance, and fast switching speeds are
desired.
Package Options
Ordering Information
Order Number / Package
TO-243AA**
TO-236AB***
BVDSS /
BVDGS
RDS(ON)
(max)
VGS(th)
(max)
ID(ON)
(min)
TP5322N8
TP5322K1
-220V
12
Ω
-2.4V
-0.7A
TP5322N8-G*
TP5322K1-G*
-220V
12
Ω
-2.4V
-0.7A
**Same as SOT-89. Product supplied on 2000 piece carrier tape reels.
***Same as SOT-23. Products supplied on 3000 piece carrier tape reels.
TP5322
A042005
* "Green" Certified Package
D
S
D
G
D
S
G
TO-236AB
(SOT-23)*
TO-243AA
(SOT-89)*
Product Marking for SOT-89
TP3C
✶
Where
✶=2-week alpha date code
Product Marking for SOT-23
P3C
✶
Where
✶=2-week alpha date code


Similar Part No. - TP5322

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP5322 SUTEX-TP5322 Datasheet
516Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP5322 SUTEX-TP5322 Datasheet
686Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FET
TP5322K1 SUTEX-TP5322K1 Datasheet
516Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP5322K1-G SUTEX-TP5322K1-G Datasheet
516Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP5322K1-G SUTEX-TP5322K1-G Datasheet
686Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FET
More results

Similar Description - TP5322

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BS250F ZETEX-BS250F Datasheet
80Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2106A ZETEX-ZVP2106A Datasheet
51Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2110A ZETEX-ZVP2110A Datasheet
65Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2120G ZETEX-ZVP2120G Datasheet
74Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3306F ZETEX-ZVP3306F Datasheet
109Kb / 2P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4105A ZETEX-ZVP4105A Datasheet
49Kb / 1P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVP4105A DIODES-ZVP4105A Datasheet
60Kb / 1P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
MARCH 1994
ZVP3310A DIODES-ZVP3310A_15 Datasheet
94Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
MARCH 1994
logo
Supertex, Inc
TP5335 SUTEX-TP5335_13 Datasheet
582Kb / 3P
P-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
VP0106 MICROCHIP-VP0106 Datasheet
759Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
Rev. A April 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com