Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP5322 Datasheet(PDF) 2 Page - Supertex, Inc

Part # TP5322
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP5322 Datasheet(HTML) 2 Page - Supertex, Inc

  TP5322 Datasheet HTML 1Page - Supertex, Inc TP5322 Datasheet HTML 2Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TP5322
Rev. 3
September 14, 2004
2
Thermal Characteristics
Package
ID (continuous)
ID (pulsed)
Power Dissipation @
TA = 25°C
θJC
°C/W
θJA
°C/W
IDR*
IDRM
TO-243AA
-0.26A
-0.90A
1.6W
15
78**
-0.26A
-0.9A
TO-236AB
-0.12A
-0.70A
0.36W
200
350
-0.12A
-0.7A
*ID(continous) is limited by max rated Tj.
**Mounted on FR4 board, 25mm x 25mm x 1.57mm. Significant PD increase possible on ceramic substate.
Electrical Characteristics (@25°C unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
BVDSS
Drain-to-Source
Breakdown Voltage
-220
V
VGS = 0V, ID = -2mA
VGS(th)
Gate Threshold Voltage
-1.0
-2.4
V
VGS = VDS, ID = -1mA
∆VGS(th)
Change in VGS(th) with Temperature
4.5
mV/°C
VGS = VDS, ID = -1mA
IGSS
Gate Body Leakage
-100
nA
VGS = ±20V, VDS = 0V
-10
µA
VGS = 0V, VDS = Max Rating
IDSS
Zero Gate Voltage Drain Current
-1.0
mA
VGS = 0V, VDS = 0.8 Max
Rating, TA = 125°C
ID(ON)
On-State Drain Current
-0.7
-0.95
A
VGS = -10V, VDS = -25V
10
15
VGS = -4.5V, ID = -100mA
RDS(ON)
Static Drain-to-Source
ON-State Resistance
8.0
12
Ω
VGS = -10V, ID = -200mA
∆RDS(ON) Change in RDS(ON) with Temperature
1.7
%/°C
VGS = -10V, ID = -200mA
GFS
Forward Transconductance
100
250
mmho
VDS = -25V, ID = -200mA
CISS
Input Capacitance
110
COSS
Common Source Output Capacitance
45
CRSS
Reverse Transfer Capacitance
20
pF
VGS = 0V, VDS = -25V
f = 1MHz
td(ON)
Turn-ON Delay Time
10
tr
Rise Time
15
td(OFF)
Turn-Off Delay Time
20
tf
Fall Time
15
ns
VDD = -25V,
ID = -0.7A
RGEN = 25 Ω
VSD
Diode Forward Voltage Drop
-1.8
V
VGS = 0V, ISD = -0.5A
trr
Reverse Recovery Time
300
ns
VGS = 0V, ISD = -0.5A
Notes:
1) All DC parameters 100% tested at 25°C unless otherwise stated. (Pulsed test: 300µs pulse at 2% duty cycle.)
2) All AC parameters sample tested.
Switching Waveforms and Test Circuit
RGEN
Input
Pulse
Generator
VDD
RL
D.U.T
OUTPUT
0V
-10V
0V
V
DD
td(OFF)
Input
Output
tr
tf
td(ON)
t(ON)
t(OFF)
Doc.# DSFP-TP5322
A042005



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com