Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8228 Datasheet(PDF) 1 Page - ams AG

Part # AS8228
Description  Highly Integrated Single Phase 2-Current Energy Metering Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os and LCD Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8228 Datasheet(HTML) 1 Page - ams AG

  AS8228 Datasheet HTML 1Page - ams AG AS8228 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Revision 2.1, 06-Oct-05
Page 1 of 2
1. Key Features
-
Precision single-phase, one or two current input
energy measurement front-end including Sigma-
Delta modulators for A/D-conversion and digital
signal processor (DSP).
-
Low current consumption of 5mA, depending on
MCU activity.
-
Digital phase correction and selectable gain on
both current channels for use with two current
transformers (CT) or one CT and one shunt.
-
Power-supply monitor (PSM) for power-on reset
and reset when the supply voltage falls below a
defined threshold.
-
Customer programmable 8-bit 8051 compatible
microcontroller (MCU).
-
Programmable MCU clock with optional low
power operating conditions.
-
2 x Universal Asynchronous Receiver /
Transmitters (UART) for external
communications such as programme download
and debugging.
-
Real-time clock/calendar (RTC) with on-chip
digital calibration and separate battery backup
pin.
-
On-chip voltage reference (VREF) with small
temperature coefficient.
-
Low power 3.0 – 4.0MHz crystal oscillator.
-
SPI compatible interface for external EEPROM
memory.
-
Standard on-chip LCD driver (LCDD) interface.
-
Programmable multi-purpose I/Os (MPIO) with
selectable data direction, pull-up or pull-down
resistors and drive strength.
-
Low power battery operating mode for meter
reading when Mains voltage is not present.
-
The difference between the AS8218 and
AS8228 ICs are:
AS8218: 20 x 4 segment LCDD
9 x multi-purpose I/O (MPIO)
AS8228: 24 x 4 segment LCDD
12 x multi-purpose I/O (MPIO)
2. General Description
The AS8218 / AS8228 are highly integrated CMOS
single-phase energy metering devices for fully
electronic LCD meter systems. The AS8218 /
AS8228 have been designed to ensure that meters
can fully comply with the international Standards
IEC1036 and ANSI.
The AS8218 / AS8228 ICs include all the functions
required for conventional 1 current or 2-current
anti-tamper meters. The functions include precision
energy measurement, an 8-bit microcontroller unit
(MCU), an on-chip Liquid Crystal Display driver
(LCDD), programmable and selectable multi-
purpose Inputs/Outputs (MPIO), a real time
clock/calendar (RTC) for complex tariff functions
such as time-of-use or maximum demand billing
and a Serial Peripheral Interface (SPI) for reading
data from and writing data to an external non-
volatile memory (EEPROM).
The AS8218 / AS8228 ICs have a dedicated energy
measurement front-end, which include an analog
front-end and programmable Digital Signal
Processor (DSP) from which active energy, mains
voltage and mains current are provided. Reactive
and apparent energy can also be calculated.
The on-chip 8-bit 8051 compatible microcontroller
is freely programmable and provides user access to
the various functional blocks. The dedicated
Universal Asynchronous Receiver / Transmitter
(UART1) in the System Control block provides
access to various system functions and blocks. A
second UART (UART2) is also provided, which may
for example be used for debugging. The on-chip
memory includes 24kByte program memory and
1kByte data memory.
Due to the large diversity of non-volatile memory
requirements for fully electronic single-phase
metering systems, the AS8218 / AS8228 ICs allow
the system designer to select the size of the
external EEPROM memory, 1kByte to 32kByte (in
binary steps).
The system timing and real time clock (RTC) has a
dedicated supply pin (VDD_BAT), which is separate
from the rest of the IC, enabling the oscillator to be
supplied with an external battery during ‘power-
AS8218 / AS8228
Highly Integrated Single Phase 2-Current Energy
Metering Integrated Circuits with Microcontroller, RTC,
Programmable Multi-Purpose I/Os and LCD Driver
FEATURES


Similar Part No. - AS8228

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8228 AMSCO-AS8228 Datasheet
1Mb / 123P
Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
AS8228BLQS AMSCO-AS8228BLQS Datasheet
1Mb / 123P
Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
AS8228BLQW AMSCO-AS8228BLQW Datasheet
1Mb / 123P
Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
More results

Similar Description - AS8228

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7169F16 AD-ADE7169F16 Datasheet
1Mb / 140P
Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
logo
ams AG
AS8267 AMSCO-AS8267 Datasheet
1Mb / 136P
Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
logo
Analog Devices
ADE7566 AD-ADE7566 Datasheet
2Mb / 144P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. A
ADE5166 AD-ADE5166_09 Datasheet
2Mb / 156P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
logo
ams AG
AS8218 AMSCO-AS8218_1 Datasheet
1Mb / 123P
Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
logo
Analog Devices
ADE7116 AD-ADE7116_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7156 AD-ADE7156_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7166 AD-ADE7166_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7169 AD-ADE7169_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
logo
SINOWEALTH Electronic L...
SH79F642B SINOWEALTH-SH79F642B Datasheet
1Mb / 157P
Single-phase Energy Metering IC integrated LCD driver and enhanced 8051 Microcontroller
V2.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com