Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8267 Datasheet (PDF) - ams AG

AS8267 Datasheet PDF - ams AG
Part # AS8267
Download  AS8267 Download
File Size   1427.76 Kbytes
Page   136 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os

AS8267 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS8267 Datasheet PDF - ams AG

Part # AS8267
Download  AS8267 Click to download

File Size   1427.76 Kbytes
Page   136 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os

AS8267 Datasheet (HTML) - ams AG


AS8267 Product details

General Description
The AS8267 / AS8268 are highly integrated CMOS single-phase energy metering devices for fully electronic LCD meter systems. The AS8267 / AS8268 have been designed to ensure a meters full compliance with the international Standards IEC62052 and ANSI.

Key Features
- Precision single-phase, one or two current input energy measurement front-end including SigmaDelta modulators for A/D-conversion and digital signal processor (DSP).
- Low current consumption of 5mA, depending on MCU activity.
- Digital phase correction and selectable gain on both current channels for use with two current transformers (CT) or one CT and one shunt.
- Power-supply monitor (PSM) for power-on reset and reset when the supply voltage falls below a defined threshold.
- Customer programmable 8-bit 8051 compatible microcontroller (MCU).
- Programmable MCU clock for optional low power operating conditions.
- Highly reliable 32kBytes of non-volatile Flash memory is provided on-chip for storage of both program and data.
- Program and data security is provided by optional password and attack counter protection.
- 2 x Universal Asynchronous Receiver / Transmitters (UART) for external communications such as programme download and debugging.
- Programmable watchdog timer (WDT) and external system reset pin.
- Real-time clock/calendar (RTC) with on-chip digital calibration and separate battery supply pin.
- On-chip temperature sensor for optional temperature compensation.
- On-chip voltage reference (VREF) with small temperature coefficient (15ppm/K typ.).
- Low power 3.0 – 4.0MHz crystal oscillator.
- SPI compatible interface for optional external non-volatile EEPROM memory selectable up to 32kBytes.
- Mains current lead/lag status indication for reactive energy measurement.
- Low power battery operating mode for meter reading when Mains voltage is not present.
- AS8267: 20 x 4 segment LCDD 9 x multi-purpose I/O (MPIO)
- AS8268: 24 x 4 segment LCDD 12 x multi-purpose I/O (MPIO)




Similar Part No. - AS8267

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8201 AMSCO-AS8201 Datasheet
247Kb / 13P
TTP/C-C1 Communications Controller
AS8202 AMSCO-AS8202 Datasheet
101Kb / 10P
TTP/C-C2 Communication Controller
AS8202B AMSCO-AS8202B Datasheet
587Kb / 20P
TTP-C2NF Communication Controller
AS8202B-ALQR AMSCO-AS8202B-ALQR Datasheet
587Kb / 20P
TTP-C2NF Communication Controller
AS8202NF AMSCO-AS8202NF Datasheet
587Kb / 20P
TTP-C2NF Communication Controller
More results


Similar Description - AS8267

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8218 AMSCO-AS8218 Datasheet
37Kb / 2P
Highly Integrated Single Phase 2-Current Energy Metering Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os and LCD Driver
logo
Analog Devices
ADE7169F16 AD-ADE7169F16 Datasheet
1Mb / 140P
Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
ADE7566 AD-ADE7566 Datasheet
2Mb / 144P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. A
ADE5166 AD-ADE5166_08 Datasheet
2Mb / 148P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. 0
ADE5166 AD-ADE5166_09 Datasheet
2Mb / 156P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
logo
ams AG
AS8218 AMSCO-AS8218_1 Datasheet
1Mb / 123P
Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
logo
Analog Devices
ADE7116 AD-ADE7116_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7156 AD-ADE7156_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7166 AD-ADE7166_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7169 AD-ADE7169_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com