Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202 Datasheet (PDF) - ams AG

AS8202 Datasheet PDF - ams AG
Part # AS8202
Download  AS8202 Download
File Size   101.46 Kbytes
Page   10 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description TTP/C-C2 Communication Controller

AS8202 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS8202 Datasheet PDF - ams AG

Part # AS8202
Download  AS8202 Click to download

File Size   101.46 Kbytes
Page   10 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description TTP/C-C2 Communication Controller

AS8202 Datasheet (HTML) - ams AG


AS8202 Product details

General Description

The AS8202 communications controller is an integrated device supporting serial communication according to the TTP/C specification. It performs all communications tasks such as reception and transmission of messages in a TTP cluster without interaction of the host CPU.



Key Features

• Dedicated controller supporting TTP/C (time triggered protocol class C)

• Suited for dependable distributed real-time systems with guaranteed response time

• Application fields: Automotive (by-wire braking, steering, vehicle dynamics control, drive train control), Aerospace (aircraft electronic systems), Industrial systems, Railway systems

• TTP/C asynchronous data rate up to 5 MBit/s @ clock 40 MHz, synchronous data rate 25 MBit/s @ clock 40 MHz

• Single power supply 3.3V

• 0.35µm CMOS process

• Temperature range: -40°C to 125° C

• 2k x 16 RAM message, status and control area (communication network interface)

• RAM for instruction code and configuration data

• 16 Bit non-multiplexed host CPU interface

• 16 Bit RISC architecture

• 16k x 16 internal FLASH memory for firmware and scheduling information

• software tools, design-in support, development boards available ( http://www.tttech.com)

• 80 pin TQFP Package



 




Similar Part No. - AS8202

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8202B AMSCO-AS8202B Datasheet
587Kb / 20P
TTP-C2NF Communication Controller
AS8202B-ALQR AMSCO-AS8202B-ALQR Datasheet
587Kb / 20P
TTP-C2NF Communication Controller
AS8202NF AMSCO-AS8202NF Datasheet
587Kb / 20P
TTP-C2NF Communication Controller
AS8202NF AMSCO-AS8202NF Datasheet
2Mb / 25P
TTP-C2NF Communication Controller
AS8202NF-ALQR AMSCO-AS8202NF-ALQR Datasheet
587Kb / 20P
TTP-C2NF Communication Controller
More results


Similar Description - AS8202

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9405 OKI-MSM9405 Datasheet
147Kb / 30P
IrDA Communication Controller
logo
ams AG
AS8201 AMSCO-AS8201 Datasheet
247Kb / 13P
TTP/C-C1 Communications Controller
logo
Motorola, Inc
MPC860SAR MOTOROLA-MPC860SAR Datasheet
45Kb / 16P
ATM communication controller
logo
List of Unclassifed Man...
YM3802 ETC1-YM3802 Datasheet
242Kb / 8P
MIDI Communication Sevice Controller
logo
ams AG
AS8202NF AMSCO-AS8202NF Datasheet
587Kb / 20P
TTP-C2NF Communication Controller
logo
Advantech Co., Ltd.
ADAM-4501 ADVANTECH-ADAM-4501 Datasheet
554Kb / 1P
Ethernet-enabled Communication Controller
logo
ams AG
AS8202NF AMSCO-AS8202NF_14 Datasheet
2Mb / 25P
TTP-C2NF Communication Controller
AS8202B AMSCO-AS8202B Datasheet
587Kb / 20P
TTP-C2NF Communication Controller
logo
Silicon Laboratories
SI2162-C60 SILABS-SI2162-C60 Datasheet
145Kb / 2P
DVB-T2/C2/T/C Digital TV Demodulator
logo
FOTEK CONTROLS CO., LTD...
NT-22 FOTEK-NT-22 Datasheet
1Mb / 7P
Temperature Controller&Communication Module
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com