Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202 Datasheet(PDF) 5 Page - ams AG

Part # AS8202
Description  TTP/C-C2 Communication Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202 Datasheet(HTML) 5 Page - ams AG

  AS8202 Datasheet HTML 1Page - ams AG AS8202 Datasheet HTML 2Page - ams AG AS8202 Datasheet HTML 3Page - ams AG AS8202 Datasheet HTML 4Page - ams AG AS8202 Datasheet HTML 5Page - ams AG AS8202 Datasheet HTML 6Page - ams AG AS8202 Datasheet HTML 7Page - ams AG AS8202 Datasheet HTML 8Page - ams AG AS8202 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TTP/C-C2 Communication Controller – Preliminary Data Sheet
AS8202
Rev. 1.0, October 2000
Page 5 of 5
Electrical S p ecifications
Absolute Maximum Ratings (Non Operating)
SYMBOL PARAMETER
MIN
MAX
NOTE
VDD
DC Supply Voltage
-0.3 V
5.0 V
Vin
Input Voltage on any Pin
- 0.3 V
VDD + 0.3 V
Iin
Input Current on any Pin
-100 mA
100 mA
25°C
Tstrg
Storage Temperature
-55 oC
150 oC
Tsold
Soldering Temperature
260 oC
1)
tsold
Soldering Time
10 sec
Reflow and Wave
H
Humidity
5 %
85 %
ESD
Electrostatic Discharge
1000 V
HBM: R = 1.5 k , C = 100 pF
1.
300 oC all ceramic packages and DIL plastic packages, 260 oC for surface mounting plastic packages
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may effect device reliability (e.g. hot carrier
degradation).
Recommended Operating Conditions
PARAMETER
SYMBOL MIN
TYP
MAX
NOTE
DC Supply Voltage
VDD
3.0 V
3.3 V
3.6 V
1)
Circuit Ground
VSS
0.0 V
0.0 V
0.0 V
Static Supply Current
IDDS
----
700
µA
800
µA
2)
Operating Supply Current
IDD
----
45 mA
56 mA
fCLK = 40 MHz, VDD = 3.6 V
3)
Main clock frequency
CLK
5 MHz
20 MHz
oscillator pins xin0, xout0
Bus Guardian clock
frequency
CLK2
4 MHz
16 MHz
oscillatpr pins xin1, xout1
Ambient Temperature
Ta
-40 oC
+125 oC
1)
1.
The input and output parameter values in this table are directly related to ambient temperature and DC supply
voltage. A temperature range other Tamin to Tamax or a supply voltage range other than VDDmin to VDDmax will
affect these values and must be evaluated extra.
2.
Static supply current IDDS is exclusive of input/output drive requirements and is measured at maximum VDD
with the clocks stopped and all inputs tied to VDD or VSS, configured to draw minimum current.
3.
Operating current is exclusive of input/output drive requirements and is measured at maximum VDD and
maximum clock frequency 40 MHz.
DC Characteristics and Voltage Levels
CMOS I/O levels for specified voltage and temperature range unless otherwise noted.
Inputs Pins
Pin Name
Vil
Vih
Iil (1)
Iih(2)
NOTE
max
min
min
max
min
max
All inputs and IO pins
without pull-up/down
30%
VDD
70%
VDD
NA
-1.0
µA
NA
1.0
µA
CMOS input (3)
Inputs with pull-up
30%
VDD
70%
VDD
-50
µA
-160
µA
NA
NA
CMOS with
pull up (3)
Inputs with pull-down
30%
VDD
70%
VDD
NA
NA
30
µA
160
µA
CMOS with
pull down (3)
1.
Iil ist tested at VDDmax and Vin = 0
2.
Iih ist tested at VDDmax and Vin = VDDmax
3.
CMOS input levels are in percentage of VDD, for pull-up/down refer to pin description above.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com