Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202 Datasheet(PDF) 3 Page - ams AG

Part # AS8202
Description  TTP/C-C2 Communication Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202 Datasheet(HTML) 3 Page - ams AG

  AS8202 Datasheet HTML 1Page - ams AG AS8202 Datasheet HTML 2Page - ams AG AS8202 Datasheet HTML 3Page - ams AG AS8202 Datasheet HTML 4Page - ams AG AS8202 Datasheet HTML 5Page - ams AG AS8202 Datasheet HTML 6Page - ams AG AS8202 Datasheet HTML 7Page - ams AG AS8202 Datasheet HTML 8Page - ams AG AS8202 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TTP/C-C2 Communication Controller – Preliminary Data Sheet
AS8202
Rev. 1.0, October 2000
Page 3 of 3
The CNI (communication network interface) forms a temporal firewall. It decouples the
controller network from the host subsystem by use of a dual ported RAM. This prevents the
propagation of control errors. The interface to the host CPU is implemented as 16 bit wide non-
multiplexed asynchronous bus interface.
TTP/C follows a conflict-free media access strategy called time-division-multiple access
(TDMA). This means, TTP/C deploys a time slot technique based on a global time which is
permanently synchronised. Each node is assigned a time slot in which it is allowed to perform
transmit operation. The sequence of time slots is called TDMA round, a set of TDMA rounds
forms a cluster cycle. After one cluster cycle the operation of the network repeats. The
sequence of interactions forming the cluster cycle is defined in a static time schedule, called
message-descriptor-list (MEDL). The definition of the MEDL in conjunction with the global time
determines the response time for a service request.
The membership of all nodes in the network is evaluated by the communication controller. This
information is presented in a consistent fashion to all correct cluster members. During
operation, the status of every other node is propagated within one TDMA round. The MEDL is
loaded into the configuration memory when the system starts up.
Package and Pin A ssignment
Type: TQFP 80, plastic package
test-se
AS8202
TTP/C
Communications
Controller
(TOP VIEW)
stest
resetb
ftest
fidis
plloff
led[2]/time-overflow
Vdd
Vss
time-signalb
led[0]/microtick
led[1]/time-tick
mtest
ram-address[0]
ram-address[1]
ram-address[2]
ram-ceb
Vss
Vdd
ram-data[15]
ram-data[14]
ram-data[13]
ram-data[12]
n.c.
n.c.
to Vdd
to Vss
ram-readyb
ram-web
ram-oeb
ram-data[11]
ram-data[10]
1
20
21
40
41
60
61
80
Vss
xin1
xout1
Vdd
ram-data[9]
ram-data[8]
Vss
Vdd
Figure 2 TQFP 80 pin package and pin assignment



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com