Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202 Datasheet(PDF) 6 Page - ams AG

Part # AS8202
Description  TTP/C-C2 Communication Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202 Datasheet(HTML) 6 Page - ams AG

Back Button AS8202 Datasheet HTML 2Page - ams AG AS8202 Datasheet HTML 3Page - ams AG AS8202 Datasheet HTML 4Page - ams AG AS8202 Datasheet HTML 5Page - ams AG AS8202 Datasheet HTML 6Page - ams AG AS8202 Datasheet HTML 7Page - ams AG AS8202 Datasheet HTML 8Page - ams AG AS8202 Datasheet HTML 9Page - ams AG AS8202 Datasheet HTML 10Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TTP/C-C2 Communication Controller – Preliminary Data Sheet
AS8202
Rev. 1.0, October 2000
Page 6 of 6
Output Pins
Pin Name
Vol
Voh
Iol (1)
Ioh(2)
Ioz(3)
NOTE
V
V
mA
mA
µA
txd[0,1],cts[0,1],led[0,2]
0.4
2.4
4.0
-4.0
NA
CMOS output
All other output pins
(except xout0, xout1)
0.4
2.4
2.0
-2.0
NA
CMOS output
All I/O pins
0.4
2.4
2.0
-2.0
+/-10
CMOS output, Tristate
1.
Vol, Iol is tested at VDD = 3.3V
2.
Voh, Ioh is tested at VDD = 3.3V
3.
Ioz is tested at VDD = 3.6V
AC Characteristics
PARAMETER
SYMBOL
PIN
MIN
MAX
NOTE
main clock external operating
frequency
clkext
xin0
0
40 MHz
pin plloff = high
PLL not used
main clock XTAL0 frequency
clkxt0
xin0/xout0
1 MHz
20 MHz
oscillator cell 1 1)
main internal clock frequency
clk0
---
---
40 MHz
pin plloff = low PLL
in use 1)
XTAL1 operating frequency
clkxt1
xin1/xout1
1 MHz
20 MHz
oscillator cell 2 1)
1.
XTAL frequency or external clock frequency for PLL input is fixed to 10 MHz, other frequencies applicable only
without PLL function in use.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com