Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202 Datasheet(PDF) 8 Page - ams AG

Part # AS8202
Description  TTP/C-C2 Communication Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202 Datasheet(HTML) 8 Page - ams AG

Back Button AS8202 Datasheet HTML 2Page - ams AG AS8202 Datasheet HTML 3Page - ams AG AS8202 Datasheet HTML 4Page - ams AG AS8202 Datasheet HTML 5Page - ams AG AS8202 Datasheet HTML 6Page - ams AG AS8202 Datasheet HTML 7Page - ams AG AS8202 Datasheet HTML 8Page - ams AG AS8202 Datasheet HTML 9Page - ams AG AS8202 Datasheet HTML 10Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TTP/C-C2 Communication Controller – Preliminary Data Sheet
AS8202
Rev. 1.0, October 2000
Page 8 of 8
Reset and Oscillator
Pin Name
mode
width
Comment
xin0
in
1
main oscillator input
xout0
out
1
main oscillator output
xin1
in
1
bus guardian oscillator input
xout1
out
1
bus guardian oscillator output
plloff
in
1
PLL disable
resetb
in
1
external reset
Table 1: Reset and Oscillator Ports
External Reset Signal
To issue a reset of the chip the resetb port has to be driven low for at least
µs. After
power-up the reset must overlap the build-up time of the oscillator circuit.
Integrated Power-On Reset
The Device has an internal Power-On Reset generator. When supply voltage ramps up, the
internal reset signal is kept active (low) for about 33 µs typical.
Parameter
Symbol
Min
Typ
Max
Unit
supply voltage slope
dV/dt
250
-
-
kV/s
power on reset active time after VDD > 1,0V
tpon_res
25
33
49
us
Oscillator circuitry
The internal oscillator cell requires an external quartz or an external oscillator respectively. The
frequency applied on the main clock input (xin0, xout0) can be reduced by a factor of four by
using the internal PLL. In order to generate an internal frequency of 40 MHz using the internal
PLL, an external quartz or quartz oscillator with a frequency of 10 MHz is connected and the
plloff input is tied low. The bus guardian clock has no internal PLL.
Figure 3: Quartz Circuit PLL off
Figure 4: Quartz Circuit PLL on
Figure 5: Oscillator Circuit
xin0
xout1
xin1
10MHz
16MHz
AS8202
‚0‘
xout0
40 MHz
xin0
xout1
xin1
20MHz
16MHz
AS8202
‚1‘
xout0
20 MHz
xin0
xout1
xin1
40MHz
oscillator
16MHz
oscillator
AS8202
‚1‘
xout0
40 MHz
n.c.
n.c.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com