Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202 Datasheet(PDF) 10 Page - ams AG

Part # AS8202
Description  TTP/C-C2 Communication Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202 Datasheet(HTML) 10 Page - ams AG

Back Button AS8202 Datasheet HTML 2Page - ams AG AS8202 Datasheet HTML 3Page - ams AG AS8202 Datasheet HTML 4Page - ams AG AS8202 Datasheet HTML 5Page - ams AG AS8202 Datasheet HTML 6Page - ams AG AS8202 Datasheet HTML 7Page - ams AG AS8202 Datasheet HTML 8Page - ams AG AS8202 Datasheet HTML 9Page - ams AG AS8202 Datasheet HTML 10Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TTP/C-C2 Communication Controller – Preliminary Data Sheet
AS8202
Rev. 1.0, October 2000
Page 10 of 10
Test Interface
The Test Interface supports the manufacturing test and characterisation of the chip. In the
application environment test pins and special pins have to be connected as following:
test_se, stest, ftest, fidis, mtest, Vpp : connect to Vss
Tmr : connect to Vdd
Tm0, Tm1 : do not connect
Warning:
Any other connection of this pins may cause permanent damage to the device.
LED Signals
The LED signals can be used as a universal output port. The driver strength of the LED ports is
4mA. Note that the pins can be configured as special-function host interface pins (see the Host
Interface section for more details).
Ordering Information
Part Number:
AS8202
Part Name:
TTP/C-C2 Communication Controller
Package:
TQFP 80
Support
Software tools, hardware development boards, evaluation systems and extensive support on
TTP system integration as well as consulting is provided by:
TTTech Computertechnik AG
Time-Triggered Technology
and
TTChip GmbH – a TTTech Company
Schoenbrunnerstrasse 7
A1040 Vienna
Austria
Voice: +43 1 5853434 - 0
Fax:
+43 1 5853434 - 90
email: office@tttech.com
web:
http://www.tttech.com
Note: TTP® is a registered trademark of FTS Computertechnik GmbH. All other trademarks are the property oftheir respective
holders.
Copyright
© 2000 TTTech Computertechnik AG
Copyright
© 2000, Austria Mikro Systeme International AG, Schloß Premstätten, 8141 Unterpremstätten, Austria.
Telefon +43-(0)3136-500-0, Telefax +43-(0)3136-52501, E-Mail info@amsint.com
All rights reserved. No part of this publication may be reproduced, stored in a retrieval system, or transmitted, in any form or by any
means, without the prior permission in writing by the copyright holder. To the best of its knowledge, Austria Mikro Systeme
International asserts that the information contained in this publication is accurate and correct.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com