Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202 Datasheet(PDF) 7 Page - ams AG

Part # AS8202
Description  TTP/C-C2 Communication Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202 Datasheet(HTML) 7 Page - ams AG

Back Button AS8202 Datasheet HTML 2Page - ams AG AS8202 Datasheet HTML 3Page - ams AG AS8202 Datasheet HTML 4Page - ams AG AS8202 Datasheet HTML 5Page - ams AG AS8202 Datasheet HTML 6Page - ams AG AS8202 Datasheet HTML 7Page - ams AG AS8202 Datasheet HTML 8Page - ams AG AS8202 Datasheet HTML 9Page - ams AG AS8202 Datasheet HTML 10Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TTP/C-C2 Communication Controller – Preliminary Data Sheet
AS8202
Rev. 1.0, October 2000
Page 7 of 7
A pplication Information
Host CPU Interface
The host CPU interface also referred as CNI (communication network interface) connects the
application circuitry to the TTP controller. All ram_-lines provide asynchronous read/write
access to a dual ported RAM. There are no setup/hold constraints referred to the microtick
(main clock “clk0”). The signals have to be applied for certain duration to be synchronized to
the main internal clock (microtick). The time_-lines signal to host CPU the global synchronous
time of the TTP network and determine when to deliver, resp. to fetch data from the host
interface. One of the lines may be connected to an interrupt input of the host CPU. Note that
the microtick, time_overflow and the time_tick pins can be configured as general purpose
output LED pins (see the LED Interface section below).
Host Interface Ports
Pin Name
mode
width
comment
ram_address[0:11]
in
12
DPRAM address bus, 12 bit
ram_data[0:15]
inout (tri)
16
DPRAM data bus, 16 bit
ram_ceb
In
1
DPRAM chip enable
ram_web
In
1
DPRAM write enable
ram_oeb
In
1
DPRAM output enable
ram_readyb
out
1
DPRAM ready
time_overflow
out
1
Overflow of global time (global time is Zero)
microtick
out
1
Microtick (internal main clock)
time_signal
out
1
CNI time signal
time_tick
out
1
Macrotick (global time is incremented)
Asynchronous DPRAM interface
Signals ram_address[0:11] and ram_web have to be stable before the falling edge of ram_ceb
For a write access the host sets ceb, web, address and data until the DPRAM has taken the
data and set readyb active low. The next access may start with readyb inactive again. A read
cycle starts with valid address and ceb, the data is valid with readyb active low. A low level on
oeb and ceb switches the data bus from tristate to output. Access times depend on the
controller clock rate and controller activity, typical values are:
controller cycle time
Tc
Min 25 ns (40 MHz)
write time
Tw
Min 4 Tc
read time
Tr
Min 5 Tc
readyb low time
Trb
Min 1 Tc
Trb
Trb
xx
tristate
valid
valid
ceb
addres
data
web
oeb
ready
b
valid
valid
write
read
Tw
Tr



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com