Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202 Datasheet(PDF) 4 Page - ams AG

Part # AS8202
Description  TTP/C-C2 Communication Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202 Datasheet(HTML) 4 Page - ams AG

  AS8202 Datasheet HTML 1Page - ams AG AS8202 Datasheet HTML 2Page - ams AG AS8202 Datasheet HTML 3Page - ams AG AS8202 Datasheet HTML 4Page - ams AG AS8202 Datasheet HTML 5Page - ams AG AS8202 Datasheet HTML 6Page - ams AG AS8202 Datasheet HTML 7Page - ams AG AS8202 Datasheet HTML 8Page - ams AG AS8202 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TTP/C-C2 Communication Controller – Preliminary Data Sheet
AS8202
Rev. 1.0, October 2000
Page 4 of 4
Pin Description
Pin
Name
Dir
Description
1,12,21,32,51,61,71
Vdd
P
positive power supply
4,13,24,33,43,52,62,72
Vss
P
Negative power supply
2
xout0
O
Main clock: analog pad from oscillator / leave open
when providing external clock
3
xin0
I
Main clock: analog pad from oscillator / use as input
when providing external clock
5
txd[0]
OPU
Transmit data channel 0
6
cts[0]
OPD
Transmit enable channel 0
7
txclk[0]
IPD
TTP/C synchronous: Transmit clock channel 0
8
rxer[0]
IPU
TTP/C synchronous: Receive error channel 0
9
rxclk[0]
IPD
TTP/C synchronous: Receive clock channel 0
10
rxdv[0]
IPU
TTP/C synchronous: Receive data valid channel 0
11
rxd[0]
IPU
Receive data channel 0
14
txd[1]
OPU
Transmit data channel 1
15
cts[1]
OPD
Transmit enable channel 1
16
txclk[1]
IPD
TTP/C synchronous: Transmit clock channel 1
17
rxer[1]
IPU
TTP/C synchronous: Receive error channel 1
18
rxclk[1]
IPD
TTP/C synchronous: Receive clock channel 1
19
rxdv[1]
IPU
TTP/C synchronous: Receive data valid channel 1
20
rxd[1]
IPU
Receive data channel 1
22
xout1
O
Bus guardian clock: analog pad from oscillator / leave
open when providing external clock
23
xin1
I
Bus guardian clock: analog pad from oscillator / use as
input when providing external clock
25
test_se
IPD
Test input, connect to Vss
26
stest
IPD
Test input, connect to Vss
27
plloff
IPD
PLL disable pin
28
ftest
IPD
Test input, connect to Vss
29
fidis
IPD
Test input, connect to Vss
30
resetb
I
main reset input signal, active low
31
time_signalb
OPU
CNI control signal, CNI time signal
34
led[0]/microtick
OPD
Configurable: either generic output port (f.e. to drive
LEDs) or timing signal TIME_TICK
35
led[1]/time_tick
OPD
Configurable: either generic output port (f.e. to drive
LEDs) or timing signal TIME_OVERFLOW
36
led[2]/time_overflow
OPD
Configurable: either generic output port (f.e. to drive
LEDs) or timing signal TIME_OVERFLOW
37
mtest
IPD
Test input, connect to Vss
38-42,44-50
ram_address[0:11]
I
Host interface (CNI) address bus
53-60,63-70
ram_data[0:15]
I/O
Host interface (CNI) data bus, tristate
73
ram_ceb
IPU
Host interface (CNI) chip enable, active low
74
ram_oeb
IPU
Host interface (CNI) output enable, active low
75
ram_web
IPU
Host interface (CNI) write enable, active low
76
ram_readyb
OPU
Host interface (CNI) transfer finish signal, active low
77
to Vss
P
Connect to Vss
78
to Vdd
IPU
Connect to Vdd
79
high Z
Do not connect
80
high Z
Do not connect
I
Input CMOS
IPU
Input CMOS with pull up
IPD
Input CMOS with pull down
O
Output CMOS
OPD Output with pull down when tristate
OPU
Output with pull up when tristate
I/O
Input/Output CMOS tristate
P
Power Pin



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com