Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202 Datasheet(PDF) 9 Page - ams AG

Part # AS8202
Description  TTP/C-C2 Communication Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202 Datasheet(HTML) 9 Page - ams AG

Back Button AS8202 Datasheet HTML 2Page - ams AG AS8202 Datasheet HTML 3Page - ams AG AS8202 Datasheet HTML 4Page - ams AG AS8202 Datasheet HTML 5Page - ams AG AS8202 Datasheet HTML 6Page - ams AG AS8202 Datasheet HTML 7Page - ams AG AS8202 Datasheet HTML 8Page - ams AG AS8202 Datasheet HTML 9Page - ams AG AS8202 Datasheet HTML 10Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TTP/C-C2 Communication Controller – Preliminary Data Sheet
AS8202
Rev. 1.0, October 2000
Page 9 of 9
TTP/C Asynchronous Bus Interface
The TTP/C asynchronous bus interface uses MFM patterns to transmit/receive signals at a
maximum data rate of 5 MBit/s on a shared media (physical bus). The pins can either be
connected to drivers using recessive/dominant states on the wire as well as drivers using active
push/pull functionality.
Pin Name
mode
comment
txd[0]
out
Transmit data channel 0
cts[0]
out
Transmit enable channel 0
txclk[0]
in
no function (do not connect)
rxer[0]
in
no function (do not connect)
rxclk[0]
in
no function (do not connect)
rxdv[0]
in
no function (do not connect)
rxd[0]
in
Receive data channel 0
txd[1]
out
Transmit data channel 1
cts[1]
out
Transmit enable channel 1
txclk[1]
in
no function (do not connect)
rxer[1]
in
no function (do not connect)
rxclk[1]
in
no function (do not connect)
rxdv[1]
in
no function (do not connect)
rxd[1]
in
Receive data channel 1
Table 2: TTP/C Asynchronous Bus Interface Pins
TTP/C Synchronous Bus Interface
The TTP/C synchronous bus interface uses a synchronous transfer method to transfer data at
a rate of 25 MBit/s. PHY drivers used in commercial 100 MBit Ethernet applications can be
connected to this interface.
Pin Name
mode
comment
txd[0]
out
Transmit data channel 0
cts[0]
out
Transmit enable channel 0
txclk[0]
in
Transmit clock channel 0
rxer[0]
in
Receive error channel 0
rxclk[0]
in
Receive clock channel 0
rxdv[0]
in
Receive data valid channel 0
rxd[0]
in
Receive data channel 0
txd[1]
out
Transmit data channel 1
cts[1]
out
Transmit enable channel 1
txclk[1]
in
Transmit clock channel 1
rxer[1]
in
Receive error channel 1
rxclk[1]
in
Receive clock channel 1
rxdv[1]
in
Receive data valid channel 1
rxd[1]
in
Receive data channel 1
Table 3: TTP/C Synchronous Bus Interface Pins



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com