Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202 Datasheet(PDF) 2 Page - ams AG

Part # AS8202
Description  TTP/C-C2 Communication Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202 Datasheet(HTML) 2 Page - ams AG

  AS8202 Datasheet HTML 1Page - ams AG AS8202 Datasheet HTML 2Page - ams AG AS8202 Datasheet HTML 3Page - ams AG AS8202 Datasheet HTML 4Page - ams AG AS8202 Datasheet HTML 5Page - ams AG AS8202 Datasheet HTML 6Page - ams AG AS8202 Datasheet HTML 7Page - ams AG AS8202 Datasheet HTML 8Page - ams AG AS8202 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TTP/C-C2 Communication Controller – Preliminary Data Sheet
AS8202
Rev. 1.0, October 2000
Page 2 of 2
Key Features
• Dedicated controller supporting TTP/C (time triggered protocol class C)
• Suited for dependable distributed real-time systems with guaranteed response time
• Application fields: Automotive (by-wire braking, steering, vehicle dynamics control, drive
train control), Aerospace (aircraft electronic systems), Industrial systems, Railway systems
• TTP/C asynchronous data rate up to 5 MBit/s @ clock 40 MHz, synchronous data rate 25
MBit/s @ clock 40 MHz
• Single power supply 3.3V
• 0.35µm CMOS process
• Temperature range: -40°C to 125° C
• 2k x 16 RAM message, status and control area (communication network interface)
• RAM for instruction code and configuration data
• 16 Bit non-multiplexed host CPU interface
• 16 Bit RISC architecture
• 16k x 16 internal FLASH memory for firmware and scheduling information
• software tools, design-in support, development boards available ( http://www.tttech.com)
•
80 pin TQFP Package
General Description
The
AS8202
communications
controller
is
an
integrated
device
supporting
serial
communication according to the TTP/C specification. It performs all communications tasks such
as reception and transmission of messages in a TTP
® cluster without interaction of the host
CPU.
TTP
® provides mechanisms that allow the deployment in high-dependability distributed real-
time systems. It provides following services:
• predictable transmission of messages with minimal jitter
• fault-tolerant distributed clock synchronisation
• consistent membership service with small delay
• masking of single faults
rxd[1:0]
rxclk[1:0]
rxdv[1:0]
rxer[1:0]
xin1
xout1
txd[1:0]
cts[1:0]
txclk[1:0]
test_se
ftest
stest
fidis
mtest
ram_data[15:0]
ram_address[11:0]
ram_ceb
ram_oeb
ram_web
ram_readyb
time_signalb
led[0]/time_tick
led[1]/time_overflow
led[2]/microtick
xin0
xout0
resetb
plloff
Quartz or
Oscillator
Controller
network
interface
(CNI)
TTP/C
protocol
processor core
Instruction
RAM memory
Network
configuration
memory
(MEDL)
TTP/C
Bus -
Media
Drivers
Bus
guardian
Receiver
Transmitter
Reset &
Time
base
Host
Processor
Interface
Test
Inter-
face
FLASH
memory
Figure 1 AS8202 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com