Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8201 Datasheet (PDF) - ams AG

AS8201 Datasheet PDF - ams AG
Part # AS8201
Download  AS8201 Download
File Size   247.37 Kbytes
Page   13 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description TTP/C-C1 Communications Controller

AS8201 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS8201 Datasheet PDF - ams AG

Part # AS8201
Download  AS8201 Click to download

File Size   247.37 Kbytes
Page   13 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description TTP/C-C1 Communications Controller

AS8201 Datasheet (HTML) - ams AG


AS8201 Product details

Description

The TTP/C-C1 communications controller is the first integrated device supporting serial communication according to the TTP/C specification (time triggered protocol class C). It performs all communications tasks such as reception and transmission of messages in a TTP/C cluster without interaction of the host CPU. TTP/C provides mechanisms that allow the deployment in high-dependability distributed real time systems. It provides the following services:

· predictable transmission of messages with minimal jitter

· fault-tolerant distributed clock synchronisation

· consistent membership service with small delay

· masking of single faults



Key Features

· First dedicated controller supporting TTP/C (time triggered protocol class C)

· Device for building up TTP/C nodes in a TTP/C local area networks (clusters).

· Suited for dependable distributed real-time systems with guaranteed response time

· application examples:

   automotive: braking, steering, vehicle dynamics control, drive train control

   industry: air plane flap control, rail way points

· Bit data rate 2 Mbits/s @ clock 20 MHz, 5.0V

· Fabricated in 0.6u CMOS process, automotive temperature range of -40 to 125deg C

· 1k x 16 RAM message, status and control area

· RAM for instruction code and configuration data

· 16 bit non-multiplexed host CPU interface

· 16 bit RISC architecture

· external firmware (FLASH memory) conforming the TTP/C specification

· automatic booting after power on

· software tools, design-in support, development boards available ( http://www.tttech.com)

· 120 pin PQFP Package



 




Similar Part No. - AS8201

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8202 AMSCO-AS8202 Datasheet
101Kb / 10P
TTP/C-C2 Communication Controller
AS8202B AMSCO-AS8202B Datasheet
587Kb / 20P
TTP-C2NF Communication Controller
AS8202B-ALQR AMSCO-AS8202B-ALQR Datasheet
587Kb / 20P
TTP-C2NF Communication Controller
AS8202NF AMSCO-AS8202NF Datasheet
587Kb / 20P
TTP-C2NF Communication Controller
AS8202NF AMSCO-AS8202NF Datasheet
2Mb / 25P
TTP-C2NF Communication Controller
More results


Similar Description - AS8201

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8202 AMSCO-AS8202 Datasheet
101Kb / 10P
TTP/C-C2 Communication Controller
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
Serial Communications Controller
logo
InnovASIC, Inc
IA8044 INNOVASIC-IA8044 Datasheet
220Kb / 49P
SDLC COMMUNICATIONS CONTROLLER
IA80C152 INNOVASIC-IA80C152 Datasheet
232Kb / 32P
UNIVERSAL COMMUNICATIONS CONTROLLER
logo
SMSC Corporation
IRCC SMSC-IRCC Datasheet
434Kb / 79P
INFRARED COMMUNICATIONS CONTROLLER
IRCC2.0 SMSC-IRCC2.0 Datasheet
510Kb / 87P
Infrared Communications Controller
logo
ams AG
AS8202NF AMSCO-AS8202NF Datasheet
587Kb / 20P
TTP-C2NF Communication Controller
AS8202NF AMSCO-AS8202NF_14 Datasheet
2Mb / 25P
TTP-C2NF Communication Controller
AS8202B AMSCO-AS8202B Datasheet
587Kb / 20P
TTP-C2NF Communication Controller
logo
Adlink Technology Inc.
CPCI-3534 ADLINK-CPCI-3534 Datasheet
207Kb / 1P
Serial Communications Controller
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com