Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8201 Datasheet(PDF) 4 Page - ams AG

Part # AS8201
Description  TTP/C-C1 Communications Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8201 Datasheet(HTML) 4 Page - ams AG

  AS8201 Datasheet HTML 1Page - ams AG AS8201 Datasheet HTML 2Page - ams AG AS8201 Datasheet HTML 3Page - ams AG AS8201 Datasheet HTML 4Page - ams AG AS8201 Datasheet HTML 5Page - ams AG AS8201 Datasheet HTML 6Page - ams AG AS8201 Datasheet HTML 7Page - ams AG AS8201 Datasheet HTML 8Page - ams AG AS8201 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TTP/C-C1 Communications Controller Data Sheet
AS8201
Rev. NC, October 1999
Page 4 of 13
Austria Mikro Systeme International AG
Pin Descriptio n
PinNr. Pin Name
Dir Description
1
VDD
P
positive power supply
2
VSS
P
negative power supply
3-18
RAM_DATA[0:15]
I/O DPRAM data bus, tristate
19
VDD
P
positive power supply
20
VSS
P
negative power supply
21
RAM_OEB
I
DPRAM output enable, active low
22
RAM_WEB
I
DPRAM write enable, active low
23
RAM_READYB
O
DPRAM ready, active low, indicates read/write operation finished
24
TIME_OVERFLOW
O
CNI control signal, overflow of global time
25
TIME_SIGNAL
O
CNI control signal, CNI time signal
26
TIME_TICK
O
CNI clock signal, macrotick, typically about 1us at 20 MHz clock.
27
MICROTICK
O
output of main clock, inverted to signal applied at pin XOUT0.
28
XENA0
I
oscillator 0 (main clock) enable, active low.
29
VDD
P
positive power supply
30
VSS
P
negative power supply
31
XIN0
A
analog pad from oscillator / use as input when providing external
clock
32
XOUT0
A
analog pad from oscillator / leave open when providing external
clock
33
VSS
P
positive power supply
34
VDD
P
negative power supply
35
OE[0]
I
channel [0]: transmitter output enable
36
RXD[0]
IPU channel [0]: receiver input
37
TXD[0]
O
channel [0]: transmit data
38
CTS[0]
O
channel [0]: transmitter clear to send
39
BDE[0]
O
channel [0]: bus driver enable
40
RESETB
I
(1) main reset input signal, active low. When connected the in-
ternal power-on reset function is overridden
(2) if unconnected: an internal reset is generated after power-on.
Reset pulse duration typically 24 us.
41
TEST_SE
IPD test input: scan enable, active high
42
FTEST
IPD test input: functional test mode, active high
43
FTEST_IEN
IPD test input: instruction insertion enable, active high
44-50
LED[0:6]
O
test outputs:
(1) in production test used as scan chain outputs
(2) in operation: can be used as generic output port, e.g. to drive
LEDs
51
OE[1]
I
channel [1]: transmitter output enable
52
RXD[1]
IPU channel [1]: receiver input
53
TXD[1]
O
channel [1]: transmit data
54
CTS[1]
O
channel [1]: transmitter clear to send
55
BDE[1]
O
channel [1]: bus driver enable
56
XENA1
I
oscillator 1 (bus guardian) enable, active low.
57
VDD
P
positive power supply
58
VSS
P
negative power supply
59
XIN1
A
analog pad from oscillator / use as input when providing external
clock
60
XOUT1
A
analog pad from oscillator / leave open when providing external
clock
61
VSS
P
positive power supply
62
VDD
P
negative power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com