Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8201 Datasheet(PDF) 2 Page - ams AG

Part # AS8201
Description  TTP/C-C1 Communications Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8201 Datasheet(HTML) 2 Page - ams AG

  AS8201 Datasheet HTML 1Page - ams AG AS8201 Datasheet HTML 2Page - ams AG AS8201 Datasheet HTML 3Page - ams AG AS8201 Datasheet HTML 4Page - ams AG AS8201 Datasheet HTML 5Page - ams AG AS8201 Datasheet HTML 6Page - ams AG AS8201 Datasheet HTML 7Page - ams AG AS8201 Datasheet HTML 8Page - ams AG AS8201 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TTP/C-C1 Communications Controller Data Sheet
AS8201
Rev. NC, October 1999
Page 2 of 13
Austria Mikro Systeme International AG
Key Feature s
• First dedicated controller supporting TTP/C (time triggered protocol class C)
• Device for building up TTP/C nodes in a TTP/C local area networks (clusters).
• Suited for dependable distributed real-time systems with guaranteed response time
• application examples:
automotive: braking, steering, vehicle dynamics control, drive train control
industry: air plane flap control, rail way points
• Bit data rate 2 Mbits/s @ clock 20 MHz, 5.0V
• Fabricated in 0.6u CMOS process, automotive temperature range of -40 to 125deg C
• 1k x 16 RAM message, status and control area
• RAM for instruction code and configuration data
• 16 bit non-multiplexed host CPU interface
• 16 bit RISC architecture
• external firmware (FLASH memory) conforming the TTP/C specification
• automatic booting after power on
• software tools, design-in support, development boards available ( http://www.tttech.com)
• 120 pin PQFP Package
Descriptio n
The TTP/C-C1 communications controller is the first integrated device supporting serial
communication according to the TTP/C specification (time triggered protocol class C). It
performs all communications tasks such as reception and transmission of messages in a
TTP/C cluster without interaction of the host CPU.
TTP/C provides mechanisms that allow the deployment in high-dependability distributed real-
time systems. It provides the following services:
• predictable transmission of messages with minimal jitter
• fault-tolerant distributed clock synchronisation
• consistent membership service with small delay
• masking of single faults
RXD[1:0]
BDE[1:0]
XENA1
XIN1
XOUT1
TXD[1:0]
CTS[1:0]
OE[1:0]
TEST_SE
FTEST
FTEST_IEN
LED[7:0]
Boot ROM
Interface
RAM_DATA[15:0]
RAM_ADDRESS[10:0]
RAM_CEB
RAM_OEB
RAM_WEB
RAM_READYB
TIME_OVERFLOW
TIME_SIGNAL
TIME_TICK
MICROTICK
XENA0
XIN0
XOUT0
RESETB
ROM_ADDRESS[16:0]
ROM_DATA[15:0]
ROM_RESETB
ROM_CEB
ROM_OEB
ROM_WEB
ROM_READY
Quarz or
Oscillator
Controller
network
interface
(CNI)
TTP/C-C1
protocol
processor core
Instruction
memory
Network
configuration
memory
(MEDL)
TTP/C
bus -
Meadia
Drivers
Bus
guardian
Receiver
Transmitter
Reset &
Time
base
Host
processor
Interface
Test
Inter-
face
Figure 1 Block Diagramm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com