Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8201 Datasheet(PDF) 5 Page - ams AG

Part # AS8201
Description  TTP/C-C1 Communications Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8201 Datasheet(HTML) 5 Page - ams AG

  AS8201 Datasheet HTML 1Page - ams AG AS8201 Datasheet HTML 2Page - ams AG AS8201 Datasheet HTML 3Page - ams AG AS8201 Datasheet HTML 4Page - ams AG AS8201 Datasheet HTML 5Page - ams AG AS8201 Datasheet HTML 6Page - ams AG AS8201 Datasheet HTML 7Page - ams AG AS8201 Datasheet HTML 8Page - ams AG AS8201 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TTP/C-C1 Communications Controller Data Sheet
AS8201
Rev. NC, October 1999
Page 5 of 13
Austria Mikro Systeme International AG
63-79
ROM_ADDRESS[0:16]
O
ROM address bus, range = 2^17 = 128k
80
ROM_RESETB
O
ROM reset line, active low
81
ROM_CEB
O
ROM chip enable, active low
82
ROM_OEB
O
ROM output enable, active low
83
ROM_WEB
O
ROM write enable, active low; “read”if high.
84
ROM_READY
IPU ROM ready, signals read operation ready, leave open when un-
used
85
VDD
P
positive power supply
86
VSS
P
negative power supply
87-94
ROM_DATA[0:7]
I/O ROM data bus (lower byte)
95
VDD
P
positive power supply
96
VSS
P
negative power supply
97-
104
ROM_DATA[8:15]
I/O ROM data bus (higher byte)
105
VDD
P
positive power supply
106
VSS
P
negative power supply
107-
117
RAM_ADDRESS[0:10]
I
DPRAM address bus, range = 2^11 = 2048
118
RAM_CEB
I
DPRAM chip enable, active low
119
VDD
P
positive power supply
120
VSS
P
negative power supply
I
Input CMOS
IPU
Input CMOS with pull up
IPD
Input CMOS with pull down
O
Output CMOS
I/O
Input/Output CMOS tristate
P
Power Pin
A
Analog Pin
Electrical Specification s
Absolute Maximum Ratings ( Non Operating)
SYMBOL PARAMETER
MIN
MAX
NOTE
VDD
DC Supply Voltage
-0.3 V
7.0 V
Vin
Input Voltage on any Pin
- 0.3 V
VDD + 0.3 V
Iin
Input Current on any Pin
-100 mA
100 mA
25°C
Tstrg
Storage Temperature
-55 oC
150 oC
Tsold
Soldering Temperature
260 oC
1)
tsold
Soldering Time
10 sec
Reflow and Wave
H
Humidity
5 %
85 %
ESD
Electrostatic Discharge
1000 V
HBM: R = 1.5 k
Ω, C = 100 pF
1) 300 oC all ceramic packages and DIL plastic packages, 260 oC for surface mounting plastic packages
Note: Stresses above those listed under “Absolute Maximum Ratings”may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may effect device reliability (e.g. hot carrier degradation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com