Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8201 Datasheet(PDF) 6 Page - ams AG

Part # AS8201
Description  TTP/C-C1 Communications Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8201 Datasheet(HTML) 6 Page - ams AG

Back Button AS8201 Datasheet HTML 2Page - ams AG AS8201 Datasheet HTML 3Page - ams AG AS8201 Datasheet HTML 4Page - ams AG AS8201 Datasheet HTML 5Page - ams AG AS8201 Datasheet HTML 6Page - ams AG AS8201 Datasheet HTML 7Page - ams AG AS8201 Datasheet HTML 8Page - ams AG AS8201 Datasheet HTML 9Page - ams AG AS8201 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TTP/C-C1 Communications Controller Data Sheet
AS8201
Rev. NC, October 1999
Page 6 of 13
Austria Mikro Systeme International AG
Recommended Operating Condition s
PARAMETER
SYMBOL MIN
TYP
MAX
NOTE
DC Supply Voltage
VDD
4.5 V
5.0 V
5.5 V
1)
Circuit Ground
VSS
0.0 V
0.0 V
0.0 V
Static Supply Current
IDDS
----
40
µA
100
µA
2)
Operating Supply
Current
IDD
----
110 mA
160 mA
fCLK = 20 MHz, VDD = 5.5 V
3)
Main clock frequency
CLK
5 MHz
20 MHz
oscillator pins XIN0, XOUT0
Bus Guardian clock
frequency
CLK2
4 MHz
16 MHz
oscillatpr pins XIN1, XOUT1
Ambient Temperature
Ta
-40 oC
+125 oC
1)
1) The input and output parameter values in this table are directly related to ambient temperature and DC supply
voltage. A temperature range other Tamin to Tamax or a supply voltage range other than VDDmin to VDDmax will
affect these values and must be evaluated extra.
2) Static supply current IDDS is exclusive of input/output drive requirements and is measured at maximum VDD
with the clocks stopped and all inputs tied to VDD or VSS, configured to draw minimum current.
3) Operating current is exclusive of input/output drive requirements and is measured at maximum VDD and maxi-
mum clock frequency 20 MHz.
DC Characteristics and Voltage Levels
CMOS I/O levels for specified voltage and temperature range unless otherwise noted.
Inputs Pins
Pin Name
Vil
Vih
Iil (1)
Iih(2)
NOTE
max
min
min
max
min
max
All inputs and IO pins
(except: ROM_READY,
RXD[0], RXD[1], FTEST,
FTEST_IEN, TEST_SE)
30%
VDD
70%
VDD
NA
-1.0
µA
NA
1.0
µA
CMOS input (3)
ROM_READY, RXD[0],
RXD[1]
30%
VDD
70%
VDD
-50
µA
-160
µA
NA
NA
CMOS with pull
up (3)
FTEST, FTEST_IEN,
TEST_SE
30%
VDD
70%
VDD
NA
NA
30
µA
160
µA
CMOS with pull
down (3)
Notes:
1) Iil ist tested at VDDmax and Vin = 0
2) Iih ist tested at VDDmax and Vin = VDDmax
3) CMOS input levels are in percentage of VDD
4)
Output Pins
Pin Name
Vol
Voh
Iol (1)
Ioh(2)
Ioz(3)
NOTE
V
V
mA
mA
µA
All output pins
(except XOUT0,XOUT1)
0.4
4.0
4.0
-4.0
NA
CMOS output
All I/O pins
0.4
4.0
4.0
-4.0
+/-10
CMOS output, Tristate
1) Vol, Iol is tested at VDD = 4.5V
2) Voh, Ioh is tested at VDD = 4.5V
3) Ioz is tested at VDD = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com