Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8267 Datasheet(PDF) 3 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 3 Page - ams AG

  AS8267 Datasheet HTML 1Page - ams AG AS8267 Datasheet HTML 2Page - ams AG AS8267 Datasheet HTML 3Page - ams AG AS8267 Datasheet HTML 4Page - ams AG AS8267 Datasheet HTML 5Page - ams AG AS8267 Datasheet HTML 6Page - ams AG AS8267 Datasheet HTML 7Page - ams AG AS8267 Datasheet HTML 8Page - ams AG AS8267 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 3 of 136
3. Typical Application Circuit
AS8268 only
Analog Front End
System Timing & RTC
System
Control
I/Os
LCD
Driver
SPI
DSP
MCU
UART1
SDM
RTC
Low
Power
Divider
Low
Power
Oscillator
LSD0
LSD5
LSD6
LSD4
LSD3
LSD2
LSD1
IO0
LSD19
LSD18
LSD17
LSD16
LSD15
LSD14
LSD13
LSD12
LSD11
LSD10
LSD9
LSD8
LSD7
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
9
10
11
12
15
16
17
19
18
23
20
LCD
LED
FAULT
DIRO
24
25
IO5
IO4
IO3
IO2
IO1
IO6
IO7
IO8
Reference pulses
for calibration
Examples
only
S_N
MISO
SC
MOSI
40
22
37 38 39
7
VDDD
3.3V
VDDA
33
XOUT
32
XIN
3.3V
I1P
I1N
31
3
4
SDM
I2P
I2N
6
5
SDM
VP
VN
1
2
29
30
TXD
RXD
8
VSSA
14
VSSD
3.3V
VDD_BAT
kWh
Vrms
Irms
Multi-
purpose
I/Os
Push-Button
13
21
VSSD
LSD23
LSD22
LSD21
LSD20
61
62
63
64
26
28
27
IO9
IO10
IO11
LOAD
VI
VO
GND
3.3V
NL
+
VSS
3.3V
3.3V
3.3V
1
3
2
4
8
6
7
5
Q
HOLD
VCC
C
D
W
S
+
+
RES_N
WDT
34
FLASH
Memory
Temperature
Sensor
Figure 1:
Typical application circuit of the AS8267 / AS8268



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com