Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8267 Datasheet(PDF) 83 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 83 Page - ams AG

Back Button AS8267 Datasheet HTML 79Page - ams AG AS8267 Datasheet HTML 80Page - ams AG AS8267 Datasheet HTML 81Page - ams AG AS8267 Datasheet HTML 82Page - ams AG AS8267 Datasheet HTML 83Page - ams AG AS8267 Datasheet HTML 84Page - ams AG AS8267 Datasheet HTML 85Page - ams AG AS8267 Datasheet HTML 86Page - ams AG AS8267 Datasheet HTML 87Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 83 of 136
8.7
FLASH Memory
The AS8267 / AS8268 provide a 32kByte Flash Memory for program and data. This Flash is organised in 512
pages with 64Bytes each. When the memory is erased all bytes are 0x00.
To speed up writing to the Flash Memory, a page write mode is available. A page program writes the data in the addressed
memory page. It is also possible to write parts of a page or a single byte. Data that has not been addressed
remains unchanged. Before data can be written to the memory, the addressed page or the whole memory must
be erased. A mass erase sets all bit cells in the memory to logic ‘0’. A page erase sets all bit cells of an
addressed page to logic ‘0’.
The Flash memory can be accessed via System Control in UART1 or the SPI_Flash commands.
FLASH Registers
Register Name
Address
Reset Value
Note
FLASH_STAT
9700h
0rra.0000
1)
FLASH_ATTACK
9701h
000s.ssss
1)
Note:
1)
rr and s.ssss status bits are copied from Flash memory during boot sequence
‘a‘ is dependent of LOCK bit after reset. If LOCK bit is set then ‘a‘ becomes 0 (access denied) otherwise ‘a‘ becomes 1
and access is granted.
FLASH Status Register
MSB
LSB
CPU_PE
LOCK
ATK_EN
ACCESS_EN
-
REQ
WEL
WIP
Bit
Symbol
Function
7
CPU_PE
CPU page erase, triggers a page erase process of the Flash on next CPU write access.
Must be cleared by CPU afterwards (Not to be used by UART1) (read/write)
6
LOCK
Locks the Flash memory against unauthorized read access from outside using
SET_PW(f7h) or SET_PW1(f8h) command via UART1. Stored in Flash memory (non-
volatile) (read only)
5
ATK_EN
Enables the attack counter using SET_PW1 (f8h) command via UART1. Stored in Flash
memory (non-volatile) (read only)
4
ACCESS_EN Grant access to Flash if password entered correctly (read only)
3
-
Not used
2
REQ
External Flash Request (Not to be used by CPU due to dead lock!) (read/write)
1
WEL
Write enable latch (only writeable by SPI “WREN” command)
0
WIP
Write in progress (read only)
Note:
The WIP bit is set as soon as a Write, Page Erase or Mass Erase command is sent and reset when the Flash is ready again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com