Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8267 Datasheet(PDF) 77 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 77 Page - ams AG

Back Button AS8267 Datasheet HTML 73Page - ams AG AS8267 Datasheet HTML 74Page - ams AG AS8267 Datasheet HTML 75Page - ams AG AS8267 Datasheet HTML 76Page - ams AG AS8267 Datasheet HTML 77Page - ams AG AS8267 Datasheet HTML 78Page - ams AG AS8267 Datasheet HTML 79Page - ams AG AS8267 Datasheet HTML 80Page - ams AG AS8267 Datasheet HTML 81Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 77 of 136
Serial Output Timing (MISO)
SC
MISO
MOSI
S_N
Don’t Care
MSB Out
TCSH
THI
TLO
LSB Out
TV
THO
TDIS
Timing Characteristics
Parameter
Symbol
Min
Max
Unit
Note
S_N Setup Time
TCSS
100
-
ns
S_N Hold Time
TCSH
150
-
ns
S_N Disable Time
TCSD
500
-
ns
Data SetupTime
TSU
30
-
ns
Data Hold Time
THD
50
-
ns
SC Rise Time
TR
-
2
ns
SC Fall Time
TF
-
2
ns
SC High Time
THI
150
-
ns
SC Low Time
TLO
150
-
ns
SC Delay Time
TCLD
50
-
ns
SC Enable Time
TCLE
50
-
ns
Output Valid from Clock Low
TV
-
150
ns
Output Hold Time
THO
0
-
ns
Output Disable Time
TDIS
-
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com