Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8267 Datasheet(PDF) 92 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 92 Page - ams AG

Back Button AS8267 Datasheet HTML 88Page - ams AG AS8267 Datasheet HTML 89Page - ams AG AS8267 Datasheet HTML 90Page - ams AG AS8267 Datasheet HTML 91Page - ams AG AS8267 Datasheet HTML 92Page - ams AG AS8267 Datasheet HTML 93Page - ams AG AS8267 Datasheet HTML 94Page - ams AG AS8267 Datasheet HTML 95Page - ams AG AS8267 Datasheet HTML 96Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 92 of 136
Instruction Set
The instruction set is fully compatible to the 8051 standard. This allows the use of commonly available software
development tools for A51 Assembler, C-Compiler and code simulators. The instructions marked with the note
2) are cycle optimised and execute in a single cycle compared to two cycles in standard 8051 controllers.
Hex
Code
Mnemonic
Operands
B/C
1)
Hex
Code
Mnemonic
Operands
B/C
1)
00
NOP
1/1
30
JNB
bit addr, code addr
3/2
01
AJMP
code addr
2/2
31
ACALL
code addr
2/2
02
LJMP
code addr
3/2
32
RETI
1/2
03
RR
A
1/1
33
RLC
A
1/1
04
INC
A
1/1
34
ADDC
A, #data
2/1
05
INC
dir
2/1
35
ADDC
A, dir
2/1
06
INC
@R0
1/1
36
ADDC
A, @R0
1/1
07
INC
@R1
1/1
37
ADDC
A, @R1
1/1
08
INC
R0
1/1
38
ADDC
A, R0
1/1
09
INC
R1
1/1
39
ADDC
A, R1
1/1
0A
INC
R2
1/1
3A
ADDC
A, R2
1/1
0B
INC
R3
1/1
3B
ADDC
A, R3
1/1
0C
INC
R4
1/1
3C
ADDC
A, R4
1/1
0D
INC
R5
1/1
3D
ADDC
A, R5
1/1
0E
INC
R6
1/1
3E
ADDC
A, R6
1/1
0F
INC
R7
1/1
3F
ADDC
A, R7
1/1
10
JBC
bit addr, code
3/2
40
JC
code addr
2/2
11
ACALL
code addr
2/2
41
AJMP
code addr
2/2
12
LCALL
code addr
3/2
42
ORL
dir, A
2/1
13
RRC
A
1/1
43
ORL
dir, #data
3/2
14
DEC
A
1/1
44
ORL
A, #data
2/1
15
DEC
dir
2/1
45
ORL
A, dir
2/1
16
DEC
@R0
1/1
46
ORL
A, @R0
1/1
17
DEC
@R1
1/1
47
ORL
A, @R1
1/1
18
DEC
R0
1/1
48
ORL
A, R0
1/1
19
DEC
R1
1/1
49
ORL
A, R1
1/1
1A
DEC
R2
1/1
4A
ORL
A, R2
1/1
1B
DEC
R3
1/1
4B
ORL
A, R3
1/1
1C
DEC
R4
1/1
4C
ORL
A, R4
1/1
1D
DEC
R5
1/1
4D
ORL
A, R5
1/1
1E
DEC
R6
1/1
4E
ORL
A, R6
1/1
1F
DEC
R7
1/1
4F
ORL
A, R7
1/1
20
JB
bit addr, code
3/2
50
JNC
code addr
2/2
21
AJMP
code addr
2/2
51
ACALL
code addr
2/2
22
RET
1/2
52
ANL
dir, A
2/1
23
RL
A
1/1
53
ANL
dir, #data
3/2
24
ADD
A, #data
1/1
54
ANL
A, #data
2/1
25
ADD
A, dir
2/1
55
ANL
A, dir
2/1
26
ADD
A, @R0
2/1
56
ANL
A, @R0
1/1
27
ADD
A, @R1
1/1
57
ANL
A, @R1
1/1
28
ADD
A, R0
1/1
58
ANL
A, R0
1/1
29
ADD
A, R1
1/1
59
ANL
A, R1
1/1
2A
ADD
A, R2
1/1
5A
ANL
A, R2
1/1
2B
ADD
A, R3
1/1
5B
ANL
A, R3
1/1
2C
ADD
A, R4
1/1
5C
ANL
A, R4
1/1
2D
ADD
A, R5
1/1
5D
ANL
A, R5
1/1
2E
ADD
A, R6
1/1
5E
ANL
A, R6
1/1
2F
ADD
A, R7
1/1
5F
ANL
A, R7
1/1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com