Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8267 Datasheet(PDF) 18 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 18 Page - ams AG

Back Button AS8267 Datasheet HTML 14Page - ams AG AS8267 Datasheet HTML 15Page - ams AG AS8267 Datasheet HTML 16Page - ams AG AS8267 Datasheet HTML 17Page - ams AG AS8267 Datasheet HTML 18Page - ams AG AS8267 Datasheet HTML 19Page - ams AG AS8267 Datasheet HTML 20Page - ams AG AS8267 Datasheet HTML 21Page - ams AG AS8267 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 18 of 136
Current Input Gain Settings
Gain
Input Voltage
Comments
Current Inputs I1P, I1N
20
-30mV
≤VI1P≤30mV
Shunt mode; default setting
16
-38mV
≤VI1P≤38mV
CT mode or shunt mode
4
-150mV
≤VI1P≤150mV
CT mode
Current Inputs I2P, I2N
20
-30mV
≤VI2P≤30mV
Shunt mode
16
-38mV
≤VI2P≤38mV
CT mode or shunt mode
4
-150mV
≤VI2P≤150mV
CT mode; default setting
Notes:
1) Refer to the Settings Register (SREG) in the DSP section for programming of the Gain Settings.
For optimum operating conditions, the input signal at the Maximum Current (Imax) condition should be set at
±30mVp, when the Gain = 20, or ±150mVp, when the Gain = 4.
The default Gain, the AS8267 / AS8268 ICs current input gain settings without any programming required, is
Gain = 20 for the I1 input and Gain = 4 for the I2 input.
The value of an ideal shunt resistor, may be calculated as follows:
Assuming an Imax rating of 60A (rms) → 84.85A (peak), then a shunt value of 350µΩ would be suitable.
Ω
μ
=
=
354
A
85
.
84
mV
30
R
p
p
shunt
thus a standard 350µ
Ω shunt resistor may be selected.
The mains currents are sampled at 3.4956kHz, assuming that the recommended crystal oscillator frequency of
3.5795MHz, is used.
The current transformer(s) must be terminated with a voltage setting resistor (RVS) to ensure the optimum
voltage input level to the current input(s) of the AS8267 / AS8268 ICs. The value of RVS is calculated as
follows:
2
I
V
R
L
)
p
(
in
VS =
where IL
= CT RMS secondary current at rated conditions (Vmains; Imax)
Vin(p) = The peak input voltage to the IC at rated conditions (Vmains; Imax). For example, if Gain = 4,
Vin(p) should be set at 150mVpeak.
Example: A current transformer is specified at 60A/24mA and the Gain = 4:
Ω
⇒
Ω
=
=
=
3
.
4
42
.
4
2
mA
24
mV
150
2
I
V
R
L
)
p
(
in
VS
thus a 4.3
Ω Burden resistor may be selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com