Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8267 Datasheet(PDF) 88 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 88 Page - ams AG

Back Button AS8267 Datasheet HTML 84Page - ams AG AS8267 Datasheet HTML 85Page - ams AG AS8267 Datasheet HTML 86Page - ams AG AS8267 Datasheet HTML 87Page - ams AG AS8267 Datasheet HTML 88Page - ams AG AS8267 Datasheet HTML 89Page - ams AG AS8267 Datasheet HTML 90Page - ams AG AS8267 Datasheet HTML 91Page - ams AG AS8267 Datasheet HTML 92Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 88 of 136
Password Protection
If the protection schema “Protection via PASSWORD” is selected the listed commands are disabled:
READ
WRITE Byte
WRITE Page
PAGE ERASE
MASS ERASE
The password is entered via the SET_PW command (instruction code F7h in the UART1 command interpreter)
followed by the 8byte password.
SET_PASSWORD
CMD
7
0
1
2
3
4
5
6
D0
8 bytes
ACK / NACK
7
0
1
2
3
4
5
6
D1
D7
RXD
TXD
Once a password is entered it is encrypted and stored in the Flash memory. At the same time the Flash
memory ‘LOCK’ bit (bit6) is set in Flash status register (9700h). When ‘LOCK’ bit is set the top page of the
Flash memory (storage of program length, password, non-volatile status flags) is blocked for page erase and
write access even when access is granted. This also guarantees that the protection remains even the device is
powered down and powered up again.
Based on the blocked write access of the top page of the Flash memory it is not possible to change an existing
password. A new password can only be assigned after a MASS ERASE.
Once the correct password is entered the listed commands are enabled again.
If the device memory is blank (e.g. after FAB-out) the access to the Flash memory is open and no password is
required.
Password + Attack Counter Protection
If the protection schema “Protection via PASSWORD and ATTACK COUNTER” is selected the listed commands
are disabled:
READ
WRITE Byte
WRITE Page
PAGE ERASE
MASS ERASE
The password is entered in this case via the SET_PW1 command (instruction code F8h in the UART1 command
interpreter) followed by the 8byte password.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com