Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8267 Datasheet(PDF) 90 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 90 Page - ams AG

Back Button AS8267 Datasheet HTML 86Page - ams AG AS8267 Datasheet HTML 87Page - ams AG AS8267 Datasheet HTML 88Page - ams AG AS8267 Datasheet HTML 89Page - ams AG AS8267 Datasheet HTML 90Page - ams AG AS8267 Datasheet HTML 91Page - ams AG AS8267 Datasheet HTML 92Page - ams AG AS8267 Datasheet HTML 93Page - ams AG AS8267 Datasheet HTML 94Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 90 of 136
8.8
8051 Microcontroller (MCU)
The MCU is a derivative of the well-known 8051 microcontroller. The MCU block consists of an 8051
compatible microprocessor core, Flash memory, data memory (X_RAM), squareroot calculation unit and two
UARTs for debugging and communication purposes. The Special Function Registers (SFR) section enfolds the
standard blocks like the 16 bit timer (Timer 0), 128 bytes of internal data memory (I_RAM) and a serial
interface (UART1). Furthermore, a squareroot block and a second serial interface (UART2) are also provided.
Timer 1, Port 0 to 3 and the UART are not implemented exactly the same as in the original 8051. Instead, the
bus extension (Port 0, 2 on single chip 8051) provides access to on-chip periphery, which comprises a serial
peripheral interface (SPI), a real time clock (RTC), nine general purpose I/Os (MPIO), the LCD driver (LCDD),
the DSP block that interfaces to the analog front end and system control registers (SCT). The MCU block is
configured as Von Neumann architecture with the program in the Flash memory staring from 0000h and the
data memory (X_RAM) and periphery section starting from 8000h up to FFFFh. All 64kB of memory can be
accessed with both, the MOVC instruction (for program fetches and data read) and the MOVX instruction (for
data read/store). The interrupt controller enfolds 7 internal interrupt sources, for having all necessary
peripherals already on chip.
MCU
In te rn a l
In te rr up t S o u r c e s
Interrupt
Control
CPU
Clock
Divider
128 bytes
I_RAM
Timer 0
32kB
FLASH
SQRT
UART2
1kB
X_RAM
UART1
Mclk
RXD
TXD
LCDD
RTC
SCT
MPIO
DSP
I/Os
AFE
Optional
Serial
EEPROM
LC
Display
rxd2
txd2
SPI
M/S
Temperature
Sensor
Figure 17: MCU block diagram
Legend
CPU ................ 8051 compatible microcontroller core
I_RAM ............. 128 bytes static RAM, range 00h to 7Fh of 8051
X_RAM ............ 1024 bytes static RAM, (extended) memory for data storage
FLASH ............ 32kB Flash memory, primarily for program storage, maybe used also for data
Timer 0............ 16 bit timer (due to 8051 standard)
UART1 ............ serial interface RS232 (due to 8051 standard) with extended baudrate generator
UART2 ............ serial interface RS232 with extended baudrate generator
SQRT .............. square root calculation out of 5 bytes (40 bits) input, 2.5 bytes (20 bits) output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com