Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8267 Datasheet(PDF) 87 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 87 Page - ams AG

Back Button AS8267 Datasheet HTML 83Page - ams AG AS8267 Datasheet HTML 84Page - ams AG AS8267 Datasheet HTML 85Page - ams AG AS8267 Datasheet HTML 86Page - ams AG AS8267 Datasheet HTML 87Page - ams AG AS8267 Datasheet HTML 88Page - ams AG AS8267 Datasheet HTML 89Page - ams AG AS8267 Datasheet HTML 90Page - ams AG AS8267 Datasheet HTML 91Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 87 of 136
Block Diagram
The block diagram shows the main block involved in the security concept.
According to the block diagram there are four possibilities to get access to the internal Flash memory.
1.
Access via UART1
In this mode program/data can be read from or written in the Flash using commands defined in the SCT
(System Control).
2.
Access via SPI_FLASH Interface
In this mode program/data can be read from or written to the Flash using the SPI_Flash interface. This path
also includes a command interpreter which is able to handle different Flash access commands. Please
refer to the SPI section in this document.
To use this mode the SPI interface must be configured as slave (SPI_Flash).
3.
Access via SPI2 Interface
In this mode it is not possible to directly access the Flash memory from extern due to the missing command
interpreter. A direct access to the Flash therefore would only be possible if there would be a program
available in the mcu doing the command interpretation.
4.
Access via UART2
In this mode there is also no command interpreter in the communication path, so that a direct access to
Flash is not possible.
The Flash memory access via UART1 or SPI_Flash interface is an external Flash memory access and therefore
protected by password.
The Flash memory access via SPI2 interface or UART2 interface is an internal Flash memory and therefore not
protected by password. The protection of this path is up to the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com