Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8267 Datasheet(PDF) 33 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 33 Page - ams AG

Back Button AS8267 Datasheet HTML 29Page - ams AG AS8267 Datasheet HTML 30Page - ams AG AS8267 Datasheet HTML 31Page - ams AG AS8267 Datasheet HTML 32Page - ams AG AS8267 Datasheet HTML 33Page - ams AG AS8267 Datasheet HTML 34Page - ams AG AS8267 Datasheet HTML 35Page - ams AG AS8267 Datasheet HTML 36Page - ams AG AS8267 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 33 of 136
LED Output Timing
The pulses on the LED output indicate the amount of energy that has been consumed over a certain period of
time. Each pulse has an equivalent that can be set in the SREG/mconst register exactly. The unit is impulses
per kWh (i/kWh).
This output may be used for calibration.
The polarity of the LED pulses may be selected via the ledpol bit in the SREG/Select Register for either
positive or negative going pulses.
Timing Diagram
Timing Parameters
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Pulse width
t1
80
ms
50% duty cycle is enabled when the LED
period is less than 160ms. For mconst=0,
t1 will be 17.9µs.
Register Interface to MCU
One register block contains the data for the Meter Data Register (MDR) and the Settings Register (SREG),
hence only one interface to the MCU is required.
Meter Data Register (MDR)
The meter data register is updated after ‘nsamp’ samples. Then an interrupt is issued to the MCU, which may
take the energy data and process them further on. When an interrupt is generated the ‘ack’ bit in the
SREG/Status register is set. If the MCU takes the data, it has to reset the ‘ack’ bit.
If the ‘ack’ bit has not been reset by the MCU when a new set of data is ready, the previous np value will be
added to the new one.
In any case the dai flag in the SREG/Status register must be reset in order to clear the interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com