Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8267 Datasheet(PDF) 91 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 91 Page - ams AG

Back Button AS8267 Datasheet HTML 87Page - ams AG AS8267 Datasheet HTML 88Page - ams AG AS8267 Datasheet HTML 89Page - ams AG AS8267 Datasheet HTML 90Page - ams AG AS8267 Datasheet HTML 91Page - ams AG AS8267 Datasheet HTML 92Page - ams AG AS8267 Datasheet HTML 93Page - ams AG AS8267 Datasheet HTML 94Page - ams AG AS8267 Datasheet HTML 95Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 91 of 136
SPI.................. serial peripheral interface, used to access an external EEPROM
LCDD .............. LCD driver block
RTC ................ real time clock, time/data may be set via UART1 (SCT)
MPIO............... multi-purpose I/O pins, configurable inputs and outputs
DSP ................ digital signal processing unit interfaces to analog front end (AFE)
AFE................. analog front end, includes amplifiers and A to D converters
SCT ................ system control unit, combined with UART1 used for debugging/programming of the device
Key Features
-
8051 compatible 8 bit oriented microcontroller core
-
128 bytes of internal data memory (I_RAM)
-
32kB Flash memory
-
1kB data memory (X_RAM)
-
Von Neumann architecture, shared program and data memory
-
Cycle optimized compared to standard 8051, some instructions are executed in a single clock cycle
-
128 bytes of SFR range
-
Standard SFRs: Timer 0, UART1 (with 16 baudrate reg.)
-
Specific SFRs: UART2 (with 16 bit baudrate reg.), SQRT block
-
Fully compatible 8051 instruction set including DA, MUL and DIV instruction
-
7 internal interrupt sources
-
Ports P0, P1, P2, P3 are not implemented
-
P0 and P2 are accessible as registers
-
Register PCON is not implemented
-
No idle mode via PCON
-
Automatic bootload of application program after power-on reset
-
6 clock cycles per instruction (12 cycles in standard 8051)
-
1 data pointer DPTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com