Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8267 Datasheet(PDF) 51 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 51 Page - ams AG

Back Button AS8267 Datasheet HTML 47Page - ams AG AS8267 Datasheet HTML 48Page - ams AG AS8267 Datasheet HTML 49Page - ams AG AS8267 Datasheet HTML 50Page - ams AG AS8267 Datasheet HTML 51Page - ams AG AS8267 Datasheet HTML 52Page - ams AG AS8267 Datasheet HTML 53Page - ams AG AS8267 Datasheet HTML 54Page - ams AG AS8267 Datasheet HTML 55Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 51 of 136
TS_Result1
MSB
LSB
0
0
0
0
0
0
D9
D8
TS_OffsetCorr0/TS_OffsetCorr1 (9603h/9604h)
Signed offset correction value [15:0]; read only.
TS_OffsetCorr0
MSB
LSB
OC7
OC6
OC5
OC4
OC3
OC2
OC1
OC0
TS_OffsetCorr1
MSB
LSB
OC15
OC14
OC13
OC12
OC11
OC10
OC9
OC8
Example for temperature calculation:
[]
75
)
193
.
0
corrected
_
Temp
(
C
Temp
−
×
=
°
with
[]
[
]
0
:
15
orr
TS_OffsetC
0
:
15
TS_Result
cted
Temp_corre
+
=
TS_Result[15:0]
= 00A2h
TS_OffsetCorr[15:0]
= 0101h
Temp_corrected = 01A3h = 419d
Temp[°C] = (419
× 0.193) – 75 = 5.9[°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com