Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8267 Datasheet(PDF) 2 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 2 Page - ams AG

  AS8267 Datasheet HTML 1Page - ams AG AS8267 Datasheet HTML 2Page - ams AG AS8267 Datasheet HTML 3Page - ams AG AS8267 Datasheet HTML 4Page - ams AG AS8267 Datasheet HTML 5Page - ams AG AS8267 Datasheet HTML 6Page - ams AG AS8267 Datasheet HTML 7Page - ams AG AS8267 Datasheet HTML 8Page - ams AG AS8267 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 2 of 136
1kByte volatile data memory. The meter system
designer also has the option of an additional
external EEPROM memory, which is selectable in
size from 1kByte to 32kByte (in binary steps).
Program and data stored in the on-chip non-volatile
Flash memory can be secured by password
protection, in addition to an attack counter which
‘locks’ access after 5 unauthorised attacks.
An on-chip programmable watchdog timer (WDT) is
available to automatically initiate a system reset if
a regular ‘hold-off’ signal is not detected.
The system timing and real time clock (RTC) has a
dedicated external battery supply pin (VDD_BAT),
enabling the oscillator and RTC to continue
operation during ‘power-down’. The RTC may be
digitally calibrated for oscillator frequency
accuracy.
The on-chip temperature sensor provides the meter
designer the option of temperature compensation
for any of the measured parameters or functional
blocks provided, over the full operating temperature
range of the device.
The LCD Driver (LCDD) block enables the display
of information provided by the microcontroller,
directly to the LCD. Two dedicated data register
banks are provided to simplify programming,
particularly in the case where scrolled display data
is required.
The programmable multi-purpose I/O pins (MPIO)
may be independently configured as inputs or
outputs. All the I/O pins are programmable for data
direction, pull-up/pull-down resistors and drive
strength (4mA/8mA). Typical functions may include
LED energy consumption pulse output, energy
direction and fault condition indication depending
on current 1 or current 2 being active for the
energy calculation, push button for display
scrolling, mains isolation relay control for
prepayment meters, optical interface etc.
An on-chip analog ground buffer (ABUF) and
voltage reference (VREF) ensures that no external
circuitry is required. A power-supply monitor (PSM)
provides a reset, when VDD falls below a safe
operating threshold.
A reset pin (RES_N) is available for external
system reset.
The AS8267 / AS8268 ICs are available in LQFP64
plastic package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com