Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8267 Datasheet(PDF) 30 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 30 Page - ams AG

Back Button AS8267 Datasheet HTML 26Page - ams AG AS8267 Datasheet HTML 27Page - ams AG AS8267 Datasheet HTML 28Page - ams AG AS8267 Datasheet HTML 29Page - ams AG AS8267 Datasheet HTML 30Page - ams AG AS8267 Datasheet HTML 31Page - ams AG AS8267 Datasheet HTML 32Page - ams AG AS8267 Datasheet HTML 33Page - ams AG AS8267 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 30 of 136
Reference
Meter
MUT
I
Pulse Counter
led
IO1
PC
Figure 4:
Basic setup for comparison calibration method (using IO1 as example input)
Note: An I/O used as push-button input can be used for the input of the reference meter pulses during
calibration.
The standard or reference meter pulses are counted between two pulses from the meter to be calibrated.
Ideally the sum of the pulses would exactly be the ratio between standard meter or reference pulse rate and
the pulse rate of the meter under test. From the deviation the corrected Pulse_lev may be calculated.
Na
Ni
)
ideal
(
lev
_
Pulse
)
corrected
(
lev
_
Pulse
×
=
,
The ideal number of pulses Ni is the ratio between the pulse rates of the reference meter and the meter under
test, which is always >1. The formula for Ni is as follows:
)
mconst
(
Rate
Pulse
LED
)
ref
(
PR
Ni
=
,
where PR(ref) is the reference meter constant.
The Pulse_lev (ideal) is calculated using the following formula:
)
default
(
lev
_
Pulse
I
A
40
V
V
230
)
ideal
(
lev
_
Pulse
max
mains
×
×
=
Example
The reference meter has a pulse rate, which is 10,000 times greater than the pulse rate of the AS8267 /
AS8268 LED output.
LED Pulse Rate
= 3,200i/kWh
PR(ref)
= 3,200 x 10,000
⇒ Ni = 10,000
During a calibration cycle we measure 11,000 pulses between two LED pulses.
⇒ Na = 11,000
Assuming a meter with Vmains = 230V
Imax = 60A
where Ni is the ideal number of pulses
and Na is the actual number of pulses
(PCNT register in MPIO).
The actual number of pulses is available
in the pulse count register (PCNT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com