Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8267 Datasheet(PDF) 39 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 39 Page - ams AG

Back Button AS8267 Datasheet HTML 35Page - ams AG AS8267 Datasheet HTML 36Page - ams AG AS8267 Datasheet HTML 37Page - ams AG AS8267 Datasheet HTML 38Page - ams AG AS8267 Datasheet HTML 39Page - ams AG AS8267 Datasheet HTML 40Page - ams AG AS8267 Datasheet HTML 41Page - ams AG AS8267 Datasheet HTML 42Page - ams AG AS8267 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 39 of 136
MCU Debug Mode
When mdm flag of SREG/Status register is set, the DSP block enters the MCU debug mode. Here the MDR can
be written through the MCU interface. In this mode the DSP block is not allowed to write to the MDR.
Special functionality:
1) ack set to 0
→ np is set to 0 (i.e. must be set again by MCU)
2) when ack is not reset by the MCU the np value is doubled, i.e. a shift left is done.
Note: Also in debug mode an interrupt is generated after nsamp samples.
Power Supply Monitor (PSM)
The AS8267 / AS8268 ICs have an on-chip power supply monitor (PSM) that ensures a reset is generated
independently of the supply voltage (VDD) rise and fall times.
A built in hysteresis is provided to accommodate slow changes on the VDD, to ensure clean signal switching.
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Threshold positive edge
Vth,pos
2.6
2.9
V
Threshold negative edge
Vth,neg
2.2
2.8
V
Hysteresis
Hyst
100
mV
Table 1:
Power supply monitor: Power-on reset specifications
To ensure sufficient time is available to store the meter data in an EEPROM during power-down, it is necessary
to detect the falling supply voltage as fast as possible. Should only the VDD be monitored, an external
capacitor in the 3.3V power supply could sustain the VDD supply voltage even after the Vmains has begun to fall.
For this reason, the AS8267 / AS8268 ICs allow the monitoring of the Vmains to ensure early power-down
detection. The power-down detector function (PD_DET) is enabled in the SREG/Status register.
An alarm signal is generated, when the Vmains falls below a specified mains voltage threshold, which enables
the MCU to react with sufficient time. It is also possible to calculate energy during power-down detection,
taking a constant voltage value for calculation of the energy value.
The mains voltage threshold is calculated as follows:
2
)
ideal
(
V
_
RMS
512
V
)
alarm
(
V
mains
mains
×
×
=
2
479
512
230
×
×
=
= 173.8 VAC
External System Reset (RES_N)
An external reset pin (RES_N) is provided for system reset. RES_N is active LOW (i.e. logic ‘0’ will initiate a
system reset). A system reset via the RES_N pin is OR-ed with the main system power-on reset generated by
the power supply monitor PSM.
RES_N is internally pulled high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com