Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8267 Datasheet(PDF) 56 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 56 Page - ams AG

Back Button AS8267 Datasheet HTML 52Page - ams AG AS8267 Datasheet HTML 53Page - ams AG AS8267 Datasheet HTML 54Page - ams AG AS8267 Datasheet HTML 55Page - ams AG AS8267 Datasheet HTML 56Page - ams AG AS8267 Datasheet HTML 57Page - ams AG AS8267 Datasheet HTML 58Page - ams AG AS8267 Datasheet HTML 59Page - ams AG AS8267 Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 56 of 136
LCD Display Data Select Register (USE_REG, 921Eh)
The use_reg register selects either Data Register 1 or Data Register 2 for display on the LCD. Select ‘0’ for
Data Register 1 and ‘1’ for Data Register 2.
MSB
LSB
-
-
-
-
-
-
-
use_reg
LCD Voltage Select Register (SELVLCD, 921Fh)
The LCD voltage select register, SELVLCD enables variation of the LCD contrast by selecting on of the 8 pre-
set voltage levels.
MSB
LSB
-
-
-
-
-
selvlcd.2
selvlcd.1
selvlcd.0
Bit
Symbol
Function
7
-
Not used
6
-
Not used
5
-
Not used
4
-
Not used
3
-
Not used
Bit2
Bit1
Bit0
VLCD
0
0
0
2.5V
2
selvlcd.2
0
0
1
2.5714V
0
1
0
2.6428V
0
1
1
2.7142V
1
selvlcd.1
1
0
0
2.7856V
1
0
1
2.8570V
1
1
0
2.9284V
0
selvlcd.0
These bits set the LCD voltage level for the LCD
contrast setting.
1
1
1
3.0V
LCD Power-Down (LCDD_PD, 9220h)
The lcdd_pd register enables the analog part of the LCDD to be powered-down. Select ‘0’ for LCD display on
and ‘1’ for LCD display off.
MSB
LSB
-
-
-
-
-
-
-
lcdd_pd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com