Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8267 Datasheet(PDF) 70 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 70 Page - ams AG

Back Button AS8267 Datasheet HTML 66Page - ams AG AS8267 Datasheet HTML 67Page - ams AG AS8267 Datasheet HTML 68Page - ams AG AS8267 Datasheet HTML 69Page - ams AG AS8267 Datasheet HTML 70Page - ams AG AS8267 Datasheet HTML 71Page - ams AG AS8267 Datasheet HTML 72Page - ams AG AS8267 Datasheet HTML 73Page - ams AG AS8267 Datasheet HTML 74Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 70 of 136
Recommended programming for 3.579545MHz mcu clock rate, SPI enabled, SC clock phase = ‘11’, master:
Value
SC Clock Rate
1.74MHz
F0h
0.895MHz
F1h
0.447MHz
F2h
Status Register (SSPSTAT, 9402h)
MSB
LSB
ITRA
IOVR
ICOL
-
CSI
-
-
-
Bit
Symbol Function
7
ITRA
1
Transmission complete interrupt issued. Issued after new data word is available in data-register (slave
configuration), or if data-register has been shifted out after write access (master configuration)
6
IOVR
1
Overrun interrupt issued. Issued if ITRA is still set from previous transmission and new data arrives
(master and slave configuration)
5
ICOL
1
Write-collision interrupt issued. Issued if data-register is written during receive (slave configuration) or
transmit (master configuration)
4
-
Not used
3
CSI
Always ‘0’, has no effect
2
-
Not used
1
-
Not used
0
-
Not used
Note:
1) Flag-bits change state independent of the state of the corresponding interrupt-enable bit of the control
register.
The SPI interrupt status is captured in the SSPSTAT register. Each interrupt status bit can be masked by the
SSPCON register, which is OR-ed to a single SPI interrupt request signal (SPI_IRQ).
IE.ESPI
(=IE.3)
OR
ITRA
IOVR
ICOL
IETR,
IEOV,
IECO
SPI_IRQ
SSPSTAT
SSPCON
IE
MCU Register
Figure 9:
Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com