Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8267 Datasheet(PDF) 22 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 22 Page - ams AG

Back Button AS8267 Datasheet HTML 18Page - ams AG AS8267 Datasheet HTML 19Page - ams AG AS8267 Datasheet HTML 20Page - ams AG AS8267 Datasheet HTML 21Page - ams AG AS8267 Datasheet HTML 22Page - ams AG AS8267 Datasheet HTML 23Page - ams AG AS8267 Datasheet HTML 24Page - ams AG AS8267 Datasheet HTML 25Page - ams AG AS8267 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 22 of 136
Phase Correction
The DSP provides phase correction of the two current channels (i1 and i2) by means of the Sinc
3 decimation
filters in the phase correction block. Only one of the phase correction settings (pcorr_i1 or pcorr_i2) is valid at
a time, depending on which current (i1 or i2) has been selected for the power calculation (sel_i).
The phase correction step size is dependent upon the main oscillator frequency selected (fosc) and the mains
frequency (fmains). Assuming a 3.579545MHz crystal oscillator frequency and 50Hz mains frequency, the phase
can be corrected in steps of 2.41’ or 0.04 degrees.
pcorr
Phase Correction
[unit(s)]
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
1
1
1
1
1
1
1
1
255
0
1
1
1
1
1
1
1
0
254
…
0
0
1
1
1
1
1
1
1
127
0
0
1
1
1
1
1
1
0
126
…
0
0
0
0
0
0
0
1
0
2
0
0
0
0
0
0
0
0
1
1
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
-1
1
1
1
1
1
1
1
1
0
-2
…
1
1
0
0
0
0
0
0
1
-127
1
1
0
0
0
0
0
0
0
-128
…
1
0
0
0
0
0
0
0
1
-255
1
0
0
0
0
0
0
0
0
-256
One ‘unit’ equals a certain phase shift related to the mains frequency:
8
/
f
f
360
unit
1
osc
mains
×
°
=
[]
8
/
f
f
360
units
#
Correction
Phase
osc
mains
×
°
×
=
°
Example:
°
=
°
=
×
°
=
41
.
2
04023
.
0
8
/
f
f
360
unit
1
osc
mains
255 units = 255 x 0.04023° = 10.26°
where fmains is the mains frequency and fOSC is
the oscillator frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com