Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8267 Datasheet(PDF) 1 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 1 Page - ams AG

  AS8267 Datasheet HTML 1Page - ams AG AS8267 Datasheet HTML 2Page - ams AG AS8267 Datasheet HTML 3Page - ams AG AS8267 Datasheet HTML 4Page - ams AG AS8267 Datasheet HTML 5Page - ams AG AS8267 Datasheet HTML 6Page - ams AG AS8267 Datasheet HTML 7Page - ams AG AS8267 Datasheet HTML 8Page - ams AG AS8267 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 136 page
background image
Revision 1.0, 19-Jun-07
Page 1 of 136
1. Key Features
-
Precision single-phase, one or two current input
energy measurement front-end including Sigma-
Delta modulators for A/D-conversion and digital
signal processor (DSP).
-
Low current consumption of 5mA, depending on
MCU activity.
-
Digital phase correction and selectable gain on
both current channels for use with two current
transformers (CT) or one CT and one shunt.
-
Power-supply monitor (PSM) for power-on reset
and reset when the supply voltage falls below a
defined threshold.
-
Customer programmable 8-bit 8051 compatible
microcontroller (MCU).
-
Programmable MCU clock for optional low
power operating conditions.
-
Highly reliable 32kBytes of non-volatile Flash
memory is provided on-chip for storage of both
program and data.
-
Program and data security is provided by
optional password and attack counter
protection.
-
2 x Universal Asynchronous Receiver /
Transmitters (UART) for external
communications such as programme download
and debugging.
-
Programmable watchdog timer (WDT) and
external system reset pin.
-
Real-time clock/calendar (RTC) with on-chip
digital calibration and separate battery supply
pin.
-
On-chip temperature sensor for optional
temperature compensation.
-
On-chip voltage reference (VREF) with small
temperature coefficient (15ppm/K typ.).
-
Low power 3.0 – 4.0MHz crystal oscillator.
-
SPI compatible interface for optional external
non-volatile EEPROM memory selectable up to
32kBytes.
-
Mains current lead/lag status indication for
reactive energy measurement.
-
Low power battery operating mode for meter
reading when Mains voltage is not present.
-
AS8267: 20 x 4 segment LCDD
9 x multi-purpose I/O (MPIO)
-
AS8268: 24 x 4 segment LCDD
12 x multi-purpose I/O (MPIO)
2. General Description
The AS8267 / AS8268 are highly integrated CMOS
single-phase energy metering devices for fully
electronic LCD meter systems. The AS8267 /
AS8268 have been designed to ensure a meters
full compliance with the international Standards
IEC62052 and ANSI.
The AS8267 / AS8268 ICs include all the functions
required for conventional 1 current or 2-current
anti-tamper meters. The functions include precision
energy measurement, an 8-bit microcontroller unit
(MCU) with 32kBytes of Flash memory, an on-chip
Liquid Crystal Display driver (LCDD),
programmable multi-purpose Inputs/Outputs
(MPIO), a real time clock/calendar (RTC) for
complex tariff functions such as time-of-use or
maximum demand billing and a Serial Peripheral
Interface (SPI) for reading data from and writing
data to an optional external non-volatile memory
(EEPROM).
The AS8267 / AS8268 ICs have a dedicated energy
measurement front-end, which includes an analog
front-end and programmable Digital Signal
Processor (DSP) from which active energy, mains
voltage and mains current are provided. Reactive
and apparent energy can also be calculated.
The on-chip 8-bit 8051 compatible microcontroller
is freely programmable and provides user access to
the various functional blocks. The dedicated
Universal Asynchronous Receiver / Transmitter
(UART1) in the System Control block allows access
to various system functions and blocks. A second
UART (UART2) is also provided, which may for
example be used for debugging. The on-chip
memory includes 32kByte of highly reliable non-
volatile Flash program (and data) memory and
AS8267 / AS8268
Single-Phase 2-Current Energy Measurement Integrated Circuits
with Microcontroller, RTC, Programmable Multi-Purpose I/Os,
LCD Driver and On-Chip FLASH Memory
DATA SHEET


Similar Part No. - AS8267

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8201 AMSCO-AS8201 Datasheet
247Kb / 13P
TTP/C-C1 Communications Controller
AS8202 AMSCO-AS8202 Datasheet
101Kb / 10P
TTP/C-C2 Communication Controller
AS8202B AMSCO-AS8202B Datasheet
587Kb / 20P
TTP-C2NF Communication Controller
AS8202B-ALQR AMSCO-AS8202B-ALQR Datasheet
587Kb / 20P
TTP-C2NF Communication Controller
AS8202NF AMSCO-AS8202NF Datasheet
587Kb / 20P
TTP-C2NF Communication Controller
More results

Similar Description - AS8267

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8218 AMSCO-AS8218 Datasheet
37Kb / 2P
Highly Integrated Single Phase 2-Current Energy Metering Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os and LCD Driver
logo
Analog Devices
ADE7169F16 AD-ADE7169F16 Datasheet
1Mb / 140P
Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
ADE7566 AD-ADE7566 Datasheet
2Mb / 144P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. A
ADE5166 AD-ADE5166_08 Datasheet
2Mb / 148P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. 0
ADE5166 AD-ADE5166_09 Datasheet
2Mb / 156P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
logo
ams AG
AS8218 AMSCO-AS8218_1 Datasheet
1Mb / 123P
Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
logo
Analog Devices
ADE7116 AD-ADE7116_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7156 AD-ADE7156_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7166 AD-ADE7166_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7169 AD-ADE7169_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com