Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8267 Datasheet(PDF) 50 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 50 Page - ams AG

Back Button AS8267 Datasheet HTML 46Page - ams AG AS8267 Datasheet HTML 47Page - ams AG AS8267 Datasheet HTML 48Page - ams AG AS8267 Datasheet HTML 49Page - ams AG AS8267 Datasheet HTML 50Page - ams AG AS8267 Datasheet HTML 51Page - ams AG AS8267 Datasheet HTML 52Page - ams AG AS8267 Datasheet HTML 53Page - ams AG AS8267 Datasheet HTML 54Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 50 of 136
8.2
Temperature Sensor
The AS8267 / AS8268 ICs include an on-chip temperature sensor which allows for temperature correction over
the entire operating temperature range of the device:
Parameter
Symbol
Min
Typ
Max
Unit
Note
Absolute Error (trimmed)
-5
+5
°C
from -40°C to 85°C
Relative Error (trimmed)
-2
+2
°C
from -40°C to 85°C
Temperature Range
-40
85
°C
Resolution
0.193
°C/LSB
Note:
The temperature sensor is activated by the MCU for a single measurement.
A temperature measurement is initiated by setting the measure bit in the TS_Status register to 1. The result of
the measurement is then available in the TS_Result0/TS_Result1 register.
The registers TS_OffsetCorr0/TS_OffsetCorr1 hold the offset correction value which is derived during
production process.
The actual temperature value is calculated by the means of the following formula:
[]
75
)
193
.
0
corrected
_
Temp
(
C
Temp
−
×
=
°
with
[]
[
]
0
:
15
orr
TS_OffsetC
0
:
15
TS_Result
cted
Temp_corre
+
=
Register Name
Address
Reset Value
Note
TS_Status
9600h
00h
TS_Result0
9601h
00h
TS_Result1
9602h
00h
TS_OffsetCorr0
9603h
00h
TS_OffsetCorr1
9604h
00h
TS_Status (9600h)
MSB
LSB
0
0
0
0
0
0
0
Measure
Note:
MEASURE: - flag is set by the MCU and reset by the temperature sensor itself.
0: no operation; or: temperature measurement finished
1: if set by MCU the measurement starts; or: indicates an ongoing measurement
TS_Result0/TS_Result1 (9601h/9602h)
TS_Result0
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com