Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8267 Datasheet(PDF) 60 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 60 Page - ams AG

Back Button AS8267 Datasheet HTML 56Page - ams AG AS8267 Datasheet HTML 57Page - ams AG AS8267 Datasheet HTML 58Page - ams AG AS8267 Datasheet HTML 59Page - ams AG AS8267 Datasheet HTML 60Page - ams AG AS8267 Datasheet HTML 61Page - ams AG AS8267 Datasheet HTML 62Page - ams AG AS8267 Datasheet HTML 63Page - ams AG AS8267 Datasheet HTML 64Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 60 of 136
SET_EN0/SET_EN1 (9505h/9506h)
The SET_EN registers set the en_io signal of the related I/O pin. The en_io enables the tri-state output buffer
so that the I/O pins operate as outputs.
IOx:
0:
disable output (I/O used as input)
1:
enable output
SET_EN0
MSB
LSB
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
SET_EN1
MSB
LSB
0
0
0
0
IO11
IO10
IO9
IO8
AS8268 only
SEL_DRV0/SEL_DRV1 (9507h/9508h)
The SEL_DRV registers select the current drive strength for all the I/Os that have been selected as outputs:
IOx:
0:
4mA
1:
8mA
SEL_DRV0
MSB
LSB
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
SEL_DRV1
MSB
LSB
0
0
0
0
IO11
IO10
IO9
IO8
AS8268 only
SEL_PUPD0/SEL_PUPD1 (9509h/950Ah)
The SEL_PUPD registers select either a pull-up or pull-down resistor for each of the I/O pins:
IOx:
0: pull-down
1:
pull-up
SEL_PUPD0
MSB
LSB
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
SEL_PUPD1
MSB
LSB
0
0
0
0
IO11
IO10
IO9
IO8
AS8268 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com