Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8267 Datasheet(PDF) 45 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 45 Page - ams AG

Back Button AS8267 Datasheet HTML 41Page - ams AG AS8267 Datasheet HTML 42Page - ams AG AS8267 Datasheet HTML 43Page - ams AG AS8267 Datasheet HTML 44Page - ams AG AS8267 Datasheet HTML 45Page - ams AG AS8267 Datasheet HTML 46Page - ams AG AS8267 Datasheet HTML 47Page - ams AG AS8267 Datasheet HTML 48Page - ams AG AS8267 Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 45 of 136
Day of the Week Register (9104h)
MSB
LSB
0
0
0
0
0
weekd.2
weekd.1
weekd.0
Bit
Symbol
Function
7
-
Not used
6
-
Not used
5
-
Not used
4
-
Not used
3
-
Not used
Bit2
Bit1
Bit0
Day
0
0
0
Sunday
2
weekd.2
0
0
1
Monday
0
1
0
Tuesday
0
1
1
Wednesday
1
weekd.1
1
0
0
Thursday
1
0
1
Friday
1
1
0
Saturday
0
weekd.0
These bits represent the current weekday value.
Month / Century Register (9105h)
MSB
LSB
C
0
0
month.4
month.3
month.2
month.1
month.0
Bit
Symbol
Function
7
C
Century bit.
C = 0; indicates the year is 20xx
C = 1; indicates the year is 21xx
‘xx’ indicates the value held in Years register.
This bit is modified when Years register overflows from 99 to 00.
6
-
Not used
5
-
Not used
Bit4
Bit3
Bit2
Bit1
Bit0
Month
0
0
0
0
1
January
4
month.4
0
0
0
1
0
February
0
0
0
1
1
March
0
0
1
0
0
April
3
month.3
These bits represent the current
month value encoded in BCD format.
0
0
1
0
1
May



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com