Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8267 Datasheet(PDF) 27 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 27 Page - ams AG

Back Button AS8267 Datasheet HTML 23Page - ams AG AS8267 Datasheet HTML 24Page - ams AG AS8267 Datasheet HTML 25Page - ams AG AS8267 Datasheet HTML 26Page - ams AG AS8267 Datasheet HTML 27Page - ams AG AS8267 Datasheet HTML 28Page - ams AG AS8267 Datasheet HTML 29Page - ams AG AS8267 Datasheet HTML 30Page - ams AG AS8267 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 27 of 136
from positive energy, thus when DIRO = 1, the negative energy is converted to positive energy by the ‘Abs’
block shown in Figure 3:
AFE block diagram.
Should the meter application require unidirectional energy measurement, the MCU can separately derive both
the positive and negative energy values, depending on the status of the DIRO bit.
Accumulator for Real Power (P_ACCU)
To ensure that the power information transferred to the MCU is identical to that of the LED pulses, the P_ACCU
counts the pulses generated by Fast Pulse Gen. After ‘nsamp’ (nyquist) sampling periods an interrupt is sent to
the MCU requesting to fetch the new energy information. (Interrupt line ‘IE.0’ goes high and the ‘data available
interrupt’ (dai) flag in the SREG/Status register is set). The ‘ack’ bit in the SREG/Status register is also set to
1. If the MCU takes the energy information, it has to reset the ‘ack’ bit signalling that the energy information
has been taken. If the ‘ack’ bit is not reset the P_ACCU will add the ‘old’ energy information to the ‘new’ energy
information accumulated in the following cycle.
In any event, the MCU must reset the dai flag in order to clear the interrupt.
Wait for
fast pulse
Increment
P_ACCU
np = 0
Y
N
New fast
pulse?
Y
np = P_ACCU + np (old)
P_ACCU = 0
nsamp
reached?
Y
IE.0 = 1
dai = 1
ack = 1
Y
ack = 0?
N
N
Note: The above flow chart assumes that the dai flag is always reset in time before the next interrupt is
generated.
Pulse Generation
Two pulse generators are provided to ensure that virtually any LED pulse rate output can be programmed for
display and calibration purposes. The first pulse generator (Fast Pulse Gen) produces fast internal pulses.
These fast pulses are accumulated in the power accumulator (P_ACCU) for energy data transfer to the MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com