Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSW88064 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CSW88064
Description  Switch SP8T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CSW88064 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CSW88064 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
CSW88064
FEAT URES
120 - 2800 MHz
2 dB Insertion Loss
100 nSec Switching Speed
BCD Control
SP8T
DA I C O
I ndustries
Rev. 4 / Iss. 1
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
120
2800
MHz
DC Current
10
mA
At +5 VDC Supply
10
mA
At -5 VDC Supply
Control Type
TTL
BCD, See Table
Control Current
High
±1
µA
VIH = +2.7 V
Low
±1
µA
VIL = +0.5 V
Insertion Loss
1.8
2.0
dB
120 - 2000 MHz
2.0
2.8
dB
2000 - 2800 MHz
Isolation
50
dB
120 - 500 MHz
40
40
dB
500 - 2000 MHz
30
dB
2000 - 2800 MHz
VSWR
Thru
1.4/1
Impedance
50
OHMS
Switching Speed
100
nSec
50% TTL to 90% / 10% RF
Transition (Rise/Fall) Time
30
nSec
10% / 90% or 90% / 10% RF
Switching (Video) Transients
50
mV
Peak Value
Intercept Points
2nd
+60
dBm
3rd
+30
dBm
RF Power
0.1 dB Comp
+10
+10
dBm
120 - 300 MHz
0.1 dB Comp
+17
dBm
300 - 2800 MHz
No Damage
+27
dBm
Operating Temperature
-20
+25
+70
°CTA
Storage Temperature
-45
+85
°CTA
GUARANTEED PERFORMANCE
Advanced
Release
Switch SP8T
"0"
"0"
"0"
N/C
C3
C2
C1
C4
GND
+5V
GND
-5V
GND
GND
GND
GND
GND
GND
RF
COM
RF2
RF1
RF8
RF7
RF6
RF5
RF4
RF3
LOGIC
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
50
Ω
"0"
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
ALL OFF
0
1
0
0
1
X
1
1
1
1
XX
1
0
0
1
RF8
RF7
RF6
LOGIC TABLE
CONTROL INPUT
0
0
0
0
0
0
0
1
0
0
C4
C3
RF1
0
0
0
1
0
1
0
1
01
RF3
RF5
RF4
RF2
C2
C1
RF COM
TO
1.27
.100
TYP
.015±.002 DIA
24 PLACES
PART IDENTIFICATION
CONTRASTING
COLOR BEAD
.77
.325 TYP
112
13
24
.20
.070
.xx = .02
.xxx = .010


Similar Part No. - CSW88064

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CSW88050 DAICO-CSW88050 Datasheet
44Kb / 1P
Switch SP8T
More results

Similar Description - CSW88064

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CSW88050 DAICO-CSW88050 Datasheet
44Kb / 1P
Switch SP8T
logo
Tyco Electronics
MA4AGSW8-2 MACOM-MA4AGSW8-2 Datasheet
155Kb / 7P
AlGaAs SP8T PIN Diode Switch
logo
Micronetics, Inc.
8S3223 MICRONETICS-8S3223 Datasheet
308Kb / 1P
SP8T SWITCH
logo
M/A-COM Technology Solu...
MA4AGSW8-2 MA-COM-MA4AGSW8-2 Datasheet
123Kb / 6P
SP8T AlGaAs PIN Diode Switch
logo
API Technologies Corp
TWD5005 APITECH-TWD5005 Datasheet
81Kb / 1P
SP8T RF SWITCH MODEL
logo
Mini-Circuits
MSP8TA-12-12D MINI-MSP8TA-12-12D Datasheet
487Kb / 3P
SP8T Switch
USB-1SP8T-63H MINI-USB-1SP8T-63H Datasheet
707Kb / 8P
USB RF SP8T Switch
MSP8TA-12D MINI-MSP8TA-12D Datasheet
499Kb / 3P
SP8T Switch
logo
Will Semiconductor Ltd.
WS7808Q WILLSEMI-WS7808Q Datasheet
1Mb / 6P
0.1GHz ??3GHz SP8T Antenna Switch
WS7808QC WILLSEMI-WS7808QC Datasheet
307Kb / 6P
0.1GHz ??3GHz SP8T Antenna Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com