Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36B0 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT36B0
Description  8-Bit Music Synthesizer MCU
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36B0 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT36B0 Datasheet HTML 2Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 9Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
A.C. Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
MCU interface
fOSC
System Frequency
5V
11.059MHz crystal
¾
11.059
¾
MHz
fSYS
System Clock
5V
¾
8
¾
12
MHz
tWDT
Watchdog Time-Out Period (RC)
¾
Without WDT prescaler
9
17
35
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
Symbol
Parameter
Figure
Min.
Typ.
Max.
Unit
DAC interface
fBC
DCK Bit Clock Frequency
Fig 1
¾
fSYS/16
¾
MHz
tCH
DCK Bit Clock H Level Time
Fig 1
600
¾¾
ns
tDOS
Data Output Setup Time
Fig 1
200
¾¾
ns
tDOH
Data Output Hold Time
Fig 1
200
¾¾
ns
tLCS
Load Clock Setup Time
Fig 1
200
¾¾
ns
tLCH
Load Clock Hold Time
Fig 1
200
¾¾
ns
HT36B0
Rev. 1.00
6
June 30, 2003
1 / f B C
t C H
V O H
V O L
t D O H
t D O S
V O H
V O L
L S B
V O H
V O L
t L C H
t L C S
L O A D
D O U T
D C L K
Fig 1. Audio output timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com