Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36B0 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT36B0
Description  8-Bit Music Synthesizer MCU
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36B0 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT36B0 Datasheet HTML 1Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 2Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Pad Coordinates
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
1
-1496.60
2302.60
27
1515.85
85.70
2
-1517.35
-1856.15
28
1515.85
196.30
3
-1517.35
-1966.75
29
1515.85
296.30
4
-1517.35
-2066.75
30
1515.85
406.90
5
-1496.90
-2307.35
31
1515.85
506.90
6
-1396.90
-2307.35
32
1515.85
617.50
7
-1286.30
-2307.35
33
1515.85
717.75
8
-1186.30
-2307.35
34
1515.85
825.85
9
-1075.70
-2307.35
35
1515.85
926.35
10
-975.70
-2307.35
36
1517.85
2262.00
11
-865.10
-2307.35
37
1404.55
2262.00
12
546.65
-2307.35
38
1292.11
2262.00
13
657.25
-2307.35
39
1143.45
2262.00
14
757.25
-2307.35
40
975.076
2282.60
15
867.85
-2307.35
41
294.224
2282.60
16
967.85
-2307.35
42
176.10
2300.10
17
1078.45
-2307.35
43
-431.00
2300.10
18
1178.45
-2307.35
44
-547.124
2302.60
19
1289.05
-2307.35
45
-654.20
2302.60
20
1391.25
-2307.35
46
-754.20
2302.60
21
1499.65
-2307.35
47
-864.80
2302.60
22
1515.85
-435.50
48
-964.80
2302.60
23
1515.85
-335.50
49
-1075.40
2302.60
24
1515.85
-224.90
50
-1175.40
2302.60
25
1515.85
-124.90
51
-1286.00
2302.60
26
1515.85
-14.30
52
-1386.00
2302.60
Pad Description
Pad Name
I/O
Internal
Connection
Function
PA7~PA0
I/O
Pull-High
or None
Bidirectional 8-bit Input/Output port, wake-up by mask option
PB7~PB0
I/O
Pull-High
or None
Bidirectional 8-bit Input/Output port
PC7~PC0
I/O
Pull-High
or None
Bidirectional 8-bit Input/Output port
PD0~PD7
I/O
Pull-High
or None
Bidirectional 8-bit Input/Output port
PE0~PE3
I/O
Pull-High
or None
Bidirectional 4-bit Input/Output port
INT
I
Pull-High
External interrupt
DOUT
O
¾
DAC data out
LOAD
O
¾
DAC word clock
DCLK
O
¾
DAC bit clock
RCH
O
¾
R channel audio output
LCH
O
¾
L channel audio output
HT36B0
Rev. 1.00
4
June 30, 2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com