Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP2C2 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MIP2C2
Description  MIP2C2 High-Performance IPD for Battery Chargers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIP2C2 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MIP2C2 Datasheet HTML 1Page - Panasonic Semiconductor MIP2C2 Datasheet HTML 2Page - Panasonic Semiconductor MIP2C2 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
I Absolute Maximum Ratings
Parameters
Symbol
Rating
Unit
Drain voltage
VD
700
V
Supply voltage
VCC
30
V
Feedback voltage
VFB
7V
CL terminal voltage
VCL
7V
Drain current
ID
500
V
Operating Junction Temperature
Tch
150
°C
Storage temperature
Tstg
-55 to +150
°C
I Electrical Characteristics (Ta = 25°C ± 3°C)
Parameters
Symbol
Conditions
min
typ
max
Unit
( Control Function )
Oscillator output frequency
fOSC
FB:Open
90
100
110
kHz
Max. Duty cycle
MAXDC
FB:Open
-
50
-
%
VDD reference voltage
VDD
-
5.7
-
V
VDD stop voltage
VUV
-
5.1
-
V
Circuit current
ICC
-
0.5
-
mA
VCC charge start voltage
VCC(ON)
-12
-
V
VCC charge stop voltage
VCC(OFF)
-10
-
V
VCC charge voltage hysteresis
∆V
CC
-2
-
V
VDD charge current
Ich1
VDD = 0V
-
3.0
-
mA
Ich2
VDD = 4V
-
1.5
-
mA
Feedback current
IFB
-
120
-
µA
Feedback current hystereses
IFBHYS
-3
-
µA
LC terminal current
ICLMAX
20
-
-
µA
LC terminal current
ICLMIN
--
5
µA
(Protection Function)
Overcurrent detection
ILIMITMIN
ICL < ICLMIN
-
0.05
-
A
ILIMITMAX
ICL > ICLMAX
-
0.35
-
Overvoltage detection
VCC(0V)
-20
-
V
Overheating detection
TOTP
130
140
150
°C
Latch reset voltage
Vcreset
-3
-
V
(Output Function)
ON resistance
RDS(ON)
ID = 0.1 A
-
22
27
Drain leak current
IDSS
VDS = 630 V
-
-
250
µA
Drain breakdown voltage
VDSS
ID = 0.25 mA
700
-
-
V
Rise time
tr
-
100
-
ns
Fall time
tf
-50
-
ns
(Supply Voltage)
Minimum drain voltage
VD(MIN)
50
-
-
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com