Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP2C2 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MIP2C2
Description  MIP2C2 High-Performance IPD for Battery Chargers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIP2C2 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MIP2C2 Datasheet HTML 1Page - Panasonic Semiconductor MIP2C2 Datasheet HTML 2Page - Panasonic Semiconductor MIP2C2 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Under
Development
MIP2C2 High-Performance IPD for Battery Chargers
I Overview
MIP2C2 is a high-performance IPD designed for 7W battery chargers. It
features built-in protection circuits necessary for compact power source charger
circuitry. This allows a significant reduction in externally connected parts.
MIP2C2 provides PWM control when a normal load is applied and intermittent
control with low load. This results in greater efficiency for very low to maximum
loads, while also conserving power during standby.
I Features
G Built-in charge protection circuit
Built-in overcurrent, overheating, load shorting and overvoltage protection circuits
G Significantly reduced power consumption with no load*
20mW at 100VAC, 25mW at 240VAC
G High efficiency with rated load*
75% at 100VAC,72% at 240VAC
G Reduced number of parts (12 less than conventional Panasonic models)
* With worldwide input and 5.8V/0.7A output
I Applications
G Chargers (for cellular phones, etc. )
I Block Diagram
I Pin Descriptions
1 Kotari-yakemachi, Nagaokakyo, Kyoto 617-8520, Japan
Tel. (075) 951-8151
http://www.panasonic.co.jp/semicon/
New publication, effective from Jan. 25. 2002.
E00107AE
¶ The products and specifications are subject to change without any notice. Please ask for the latest product standards to guarantee the satisfaction of your product requirements.
Saves power during standby, enhances efficiency
9.4±0.3
2.54±0.25
1.2±0.25
(2,3,7PIN)
0.5±0.1
0.6±0.1
(1,4,5,8PIN)
0.4±0.1
1234
87
5
Unit : mm
DIP8-A1(CF)
Pin No.
Function
1V
DD
2FB
3CL
4V
CC
5
Drain
6
7
Source
8
Source
VCC
5.7V
5.7V
4.7V
Gate driver
Power
MOSFET
VDD
CL
FB
SOURCE
DRAIN
S
R
Q
Q
S
R
Q
Q
Reg.
Restart trigger
Overheat
protection
12V
10V
VCC UV
22V
VCC OVP
Oscillator
Max Duty
Clock
(10 to100%)
15%
20%
Drain current detection
Blanking pulse
circuit
VDD UV
Clamp voltage
variable circuit
Low load detection
Intermittent control


Similar Part No. - MIP2C2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MIP2C10MP PANASONIC-MIP2C10MP Datasheet
216Kb / 3P
MIP2C10MP
More results

Similar Description - MIP2C2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
Battery monitor for Nicd and NiMH chargers
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
Battery monitor for Nicd and NiMH chargers
May 1993
logo
Maxim Integrated Produc...
MAX1647 MAXIM-MAX1647 Datasheet
161Kb / 24P
Chemistry-Independent Battery Chargers
19-1158; Rev 0; 12/96
MAX17005A MAXIM-MAX17005A Datasheet
304Kb / 23P
1.2MHz, Low-Cost, High-Performance Chargers
Rev 0; 10/08
logo
Rohm
BD5650AFVM ROHM-BD5650AFVM Datasheet
355Kb / 12P
Power Management ICs for Battery Chargers
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
CONTROLLER FOR BATTERY CHARGERS
UC34363 UTC-UC34363_14 Datasheet
134Kb / 4P
BATTERY CHARGERS
logo
Mitsumi Electronics, Co...
DTC-S1P MITSUMI-DTC-S1P Datasheet
157Kb / 2P
AC Chargers for Li-ion Battery Pack
logo
Panasonic Semiconductor
MIP2K2 PANASONIC-MIP2K2 Datasheet
429Kb / 2P
High-Performance IPD for Battery Chargers MIP2Kx Series
logo
Maxim Integrated Produc...
MAX1647 MAXIM-MAX1647_V01 Datasheet
333Kb / 25P
Chemistry-Independent Battery Chargers
2002
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com