Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7376PD Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7376PD
Description  2 X 35W POWER AMPLIFIER FOR CAR RADIO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7376PD Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7376PD Datasheet HTML 1Page - STMicroelectronics TDA7376PD Datasheet HTML 2Page - STMicroelectronics TDA7376PD Datasheet HTML 3Page - STMicroelectronics TDA7376PD Datasheet HTML 4Page - STMicroelectronics TDA7376PD Datasheet HTML 5Page - STMicroelectronics TDA7376PD Datasheet HTML 6Page - STMicroelectronics TDA7376PD Datasheet HTML 7Page - STMicroelectronics TDA7376PD Datasheet HTML 8Page - STMicroelectronics TDA7376PD Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TDA7376PD
2/9
DESCRIPTION (Continued)
Differential input pairs, that will accept either single ended or differential input signals, guarantee high
noise immunity making the device suitable for both car radio and car boosters applications.
The audio mute control, that attenuates the output signal of the audio amplifiers, suppresses pop on - off
transients and cuts any noises coming from previous stages. The St-By control, that de-biases the ampli-
fiers, reduces the cost of the power switch. The on-board programmable distortion detector allows com-
pression facility whenever the ampifier is overdriven, so limiting the distortion at any levels inside the
presettable range.
PIN CONNECTION (Top view)
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
Symbol
Parameter
Value
Unit
VOP
Operating Supply Voltage
18
V
Vs
DC Supply Voltage
28
V
Vpeak
Peak Supply Voltage (t = 50ms)
50
V
IO
Output Peak Current (not repetitive t = 100
µs)
8
A
Output Peak Current (repetitive f > 10Hz)
6
A
Ptot
Power Dissipation Tcase = 85°C
36
W
Tstg, Tj
Storage and Junction Temperature
-40 to 150
°C
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction to case
Max
2
°C/W
TAB
SGND
ST-BY
MUTE
NC
NC
OUT1+
NC
PWGND
PWGND
18
16
17
15
6
5
4
3
2
21
22
31
32
33
35
34
36
20
1
19
NC
D02AU1348
IN1-
VCC
IN1+
9
8
7
28
29
30
VCC
10
27
OUT1-
OUT1+
OUT1-
14
12
11
23
25
26
TAB
NC
13
24
NC
PWGND
PWGND
IN2+
NC
IN2-
NC
CD-OUT
THDSET
OUT2-
VCC
VCC
OUT2-
NC
NC
OUT2+
OUT2+



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com