Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7376PD Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7376PD
Description  2 X 35W POWER AMPLIFIER FOR CAR RADIO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7376PD Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7376PD Datasheet HTML 1Page - STMicroelectronics TDA7376PD Datasheet HTML 2Page - STMicroelectronics TDA7376PD Datasheet HTML 3Page - STMicroelectronics TDA7376PD Datasheet HTML 4Page - STMicroelectronics TDA7376PD Datasheet HTML 5Page - STMicroelectronics TDA7376PD Datasheet HTML 6Page - STMicroelectronics TDA7376PD Datasheet HTML 7Page - STMicroelectronics TDA7376PD Datasheet HTML 8Page - STMicroelectronics TDA7376PD Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
TDA7376PD
ELECTRICAL CHARACTERISTCS (Refer to the test circuits figgs 1 and 2, VS = 14.4V; RL = 4
Ω; f = 1KHz;
Tamb = 25°C, unless otherwise specified).
(*) Saturated square wave output
(**) see figure 5 for THD setting.
The TDA7376PD is equipped with a programmable clipping distortion detector circuitry that allows to sig-
nal out the output stage saturation by providing a current sinking into an open collector output (DDout)
when the total harmonic distortion of the output signal reaches the preset level. The desired threshold is
fixed through an external divider that produces a proper voltage level across the THD set pin. Fig. 4 shows
the THD detection threshold versus the THD set voltage. Since it is essential that the THD set voltage be
proportional to the supply voltage, fig. 5 shows its value as a fraction of VCC. The actual voltage can be
computed by multiplying the fraction corresponding to the desired THD threshold by the application’s sup-
ply voltage.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage Range
8
18
V
Id
Total Quiescent Drain Current
RL =
∞
200
mA
VOS
Output Offset Voltage
120
mV
PO
Output Power
THD = 10%;
THD = 10%; RL = 2
Ω
23
33
25
37
W
W
PO max
Max. Output Power (*)
36
40
W
PO EIAJ
EIAJ Outout Power (*)
VS = 13.7V
32
35
W
THD
Distortion
PO = 0.5 to 10W
PO = 0.5 to 15W
0.03
0.08
%
%
CT
Cross Talk
f = 1KHz; Rg
f = 10KHz; Rg
80
70
dB
dB
RIN
Input Impedance
differential input
Single Ended input
45
40
K
Ω
K
Ω
GV
Voltage Gain
differential input
25
26
27
dB
Single Ended input
25
26
27
dB
∆GV
Channel Gain Balance
1
dB
EIN
Input Noise Voltage
Rg = 600
Ω; "A" weighted
Rg = 600
Ω; 22Hz to 33KHz
3
46
µV
µV
SVR
Supply Voltage Rejection
f = 100Hz; Vr = 1Vrms; Rg = 0;
f = 10Hz; Vr = 1Vrms; Rg = 0;
45
55
dB
dB
BW
Power Bandwidth
(-3dB)
75
kHz
CMRR
Common Mode Rejection Ratio
VCM = 1Vrms input referred
60
dB
ASB
Stand-by Attenuation
VSB = 1.5V; PO ref = 1W
80
90
dB
VSB IN
Stand-by In Threshold
1.5
V
VSB OUT
Stand-by Out Threshold
3.5
V
Isb
Stand-by Current Consumption
VSB = 0V
20
µA
AM
Mute Attenuation
VM = 1.5V; POref = 1W
85
dB
VM IN
Mute in Threshold
1.5
V
VM OUT
Mute out Threshold
3.5
V
I6
Mute pin Current
V6 = 0 to VS, ; VS max. = 18V
100
µA
DDL
Distortion Detection Level (**)
3.5
%
DDOUT
Distortion Detector Output DC
Current
Output low, sinked current
(Vpin10 = 1.5V)
1mA
Output high, leakage current
(Vpin10 = VS, @ VSmax = 18V)
10
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com