Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AG2136 Datasheet(PDF) 8 Page - AiT Semiconductor Inc.

Part # AG2136
Description  MOSFET/IGBT GATE DRIVER 3-PHASE HIGH VOLTAGE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AG2136 Datasheet(HTML) 8 Page - AiT Semiconductor Inc.

Back Button AG2136 Datasheet HTML 4Page - AiT Semiconductor Inc. AG2136 Datasheet HTML 5Page - AiT Semiconductor Inc. AG2136 Datasheet HTML 6Page - AiT Semiconductor Inc. AG2136 Datasheet HTML 7Page - AiT Semiconductor Inc. AG2136 Datasheet HTML 8Page - AiT Semiconductor Inc. AG2136 Datasheet HTML 9Page - AiT Semiconductor Inc. AG2136 Datasheet HTML 10Page - AiT Semiconductor Inc. AG2136 Datasheet HTML 11Page - AiT Semiconductor Inc. AG2136 Datasheet HTML 12Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AG2136
MOSFET/IGBT GATE DRIVER
3-PHASE HIGH VOLTAGE DRIVER
REV2.0
- NOV 2017 RELEASED, MAY 2019 UPDATED -
- 8 -
PARAMETER TEMPERATURE TRENDS
Figures 3-24 provide information on the experimental performance of the AG2136 HVIC. The line plotted in
each figure is generated from actual lab data. A small number of individual samples were tested at three
temperatures (-40℃, 25℃, and 125℃) in order to generate the experimental (Exp.) curve. The line labeled
Exp. consist of three data points (one data point at each of the tested temperatures) that have been
connected together to illustrate the understood temperature trend. The individual data points on the curve
were determined by calculating the averaged experimental value of the parameter (for a given temperature).
Figure 3. tON vs. temperature
Figure 4. tOFF vs. temperature
Figure 5. DT vs. temperature
Figure 6. tITRIP vs. temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com