Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AG2136 Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # AG2136
Description  MOSFET/IGBT GATE DRIVER 3-PHASE HIGH VOLTAGE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AG2136 Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  AG2136 Datasheet HTML 1Page - AiT Semiconductor Inc. AG2136 Datasheet HTML 2Page - AiT Semiconductor Inc. AG2136 Datasheet HTML 3Page - AiT Semiconductor Inc. AG2136 Datasheet HTML 4Page - AiT Semiconductor Inc. AG2136 Datasheet HTML 5Page - AiT Semiconductor Inc. AG2136 Datasheet HTML 6Page - AiT Semiconductor Inc. AG2136 Datasheet HTML 7Page - AiT Semiconductor Inc. AG2136 Datasheet HTML 8Page - AiT Semiconductor Inc. AG2136 Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AG2136
MOSFET/IGBT GATE DRIVER
3-PHASE HIGH VOLTAGE DRIVER
REV2.0
- NOV 2017 RELEASED, MAY 2019 UPDATED -
- 2 -
PIN DESCRIPTION
Top View
Pin #
Symbol
Function
1
VCC
Low side and logic fixed supply voltage
2
HIN1
Signal Input for 1 Phase High-side
3
HIN2
Signal Input for 2 Phase High-side
4
HIN3
Signal Input for 3 Phase High-side
5
LIN1
Signal Input for 1 Phase Low-side
6
LIN2
Signal Input for 2 Phase Low-side
7
LIN3
Signal Input for 3 Phase Low-side
8
FAULT
Indicates over-current (ITRIP)or low-side under-voltage lockout
9
ITRIP
Analog input for overcurrent shutdown.
10
EN
Logic input to enable I/O functionality
11
RCIN
External RC network input used to define FAULT CLEAR delay
12
VSS
Logic ground
13
COM
Low side gate drivers return
14
LO3
Low side gate driver outputs for 3 Phase
15
LO2
Low side gate driver outputs for 2 Phase
16
LO1
Low side gate driver outputs for 1 Phase
18
VS3
High voltage floating supply return for 3 Phase
19
HO3
High side gate driver outputs for 3 Phase
20
VB3
High side floating supply for 3 Phase
22
VS2
High voltage floating supply return for 2 Phase
23
HO2
High side gate driver outputs for 2 Phase
24
VB2
High side floating supply for 2 Phase
26
VS1
High voltage floating supply return for 1 Phase
27
HO1
High side gate driver outputs for 1 Phase
28
VB1
High side floating supply for 1 Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com